Electronic Components Datasheet Search
  English  ▼

X  

TPS62205DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62205DBVT
Description  HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62205DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62205DBVT Datasheet HTML 9Page - Texas Instruments TPS62205DBVT Datasheet HTML 10Page - Texas Instruments TPS62205DBVT Datasheet HTML 11Page - Texas Instruments TPS62205DBVT Datasheet HTML 12Page - Texas Instruments TPS62205DBVT Datasheet HTML 13Page - Texas Instruments TPS62205DBVT Datasheet HTML 14Page - Texas Instruments TPS62205DBVT Datasheet HTML 15Page - Texas Instruments TPS62205DBVT Datasheet HTML 16Page - Texas Instruments TPS62205DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.ti.com
DIL + Vout
1– Vout
Vin
L
f
I
Lmax + Ioutmax )
DIL
2
f = switching frequency (1 MHz typical, 650 kHz minimal)
L = inductor valfue
∆IL = peak-to-peak inductor ripple current
ILmax = maximum inducator current
INPUT CAPACITOR SELECTION
OUTPUT CAPACITOR SELECTION
TPS62200
,, TPS62201
TPS62202, TPS62203, TPS62207
TPS62204, TPS62205, TPS62208
SLVS417E – MARCH 2002 – REVISED MAY 2006
APPLICATION INFORMATION (continued)
The inductor value determines the inductor ripple current. The larger the inductor value, the smaller the inductor
ripple current, and the lower the conduction losses of the converter. On the other hand, larger inductor values
cause a slower load transient response. Usually the inductor ripple current, as calculated below, is around 20%
of the average output current.
In order to avoid saturation of the inductor, the inductor should be rated at least for the maximum output current
of the converter plus the inductor ripple current that is calculated as
The highest inductor current occurs at maximum Vin.
A more conservative approach is to select the inductor current rating just for the maximum switch current of
670 mA. Refer to Table 1 for inductor recommendations.
Table 1. Recommended Inductors
INDUCTOR VALUE
COMPONENT SUPPLIER
COMMENTS
10 µH
Sumida CDRH5D28-100
High efficiency
10 µH
Sumida CDRH5D18-100
10 µH
Sumida CDRH4D28-100
10 µH
Coilcraft DO1608-103
6.8 µH
Sumida CDRH3D16-6R8
Smallest solution
10 µH
Sumida CDRH4D18-100
10 µH
Sumida CR32-100
10 µH
Sumida CR43-100
10 µH
Murata LQH4C100K04
Because the buck converter has a pulsating input current, a low ESR input capacitor is required. This results in
the best input voltage filtering and minimizing the interference with other circuits caused by high input voltage
spikes. Also the input capacitor must be sufficiently large to stabilize the input voltage during heavy load
transients. For good input voltage filtering, usually a 4.7 µF input capacitor is sufficient. It can be increased
without any limit for better input-voltage filtering. If ceramic output capacitors are used, the capacitor RMS ripple
current rating always meets the application requirements.
Ceramic capacitors show a good performance because of the low ESR value, and they are less sensitive
against voltage transients and spikes compared to tantalum capacitors.
Place the input capacitor as close as possible to the input pin of the device for best performance (refer to
Table 2 for recommended components).
The advanced fast response voltage mode control scheme of the TPS6220x allows the use of tiny ceramic
capacitors with a value of 10 µF without having large output voltage under and overshoots during heavy load
transients.
Ceramic capacitors with low ESR values have the lowest output voltage ripple and are therefore recommended.
If required, tantalum capacitors may be used as well (refer to Table 2 for recommended components).
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com