Electronic Components Datasheet Search
  English  ▼

X  

PIC12C671 Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC12C671
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C671 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC12C671 Datasheet HTML 69Page - Microchip Technology PIC12C671 Datasheet HTML 70Page - Microchip Technology PIC12C671 Datasheet HTML 71Page - Microchip Technology PIC12C671 Datasheet HTML 72Page - Microchip Technology PIC12C671 Datasheet HTML 73Page - Microchip Technology PIC12C671 Datasheet HTML 74Page - Microchip Technology PIC12C671 Datasheet HTML 75Page - Microchip Technology PIC12C671 Datasheet HTML 76Page - Microchip Technology PIC12C671 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 73
PIC12C67X
BCF
Bit Clear f
Syntax:
[
label ] BCF
f,b
Operands:
0
 f  127
0
 b  7
Operation:
0
 (f<b>)
Status Affected:
None
Encoding:
01
00bb
bfff
ffff
Description:
Bit 'b' in register 'f' is cleared.
Words:
1
Cycles:
1
Example
BCF
FLAG_REG, 7
Before Instruction
FLAG_REG = 0xC7
After Instruction
FLAG_REG = 0x47
BSF
Bit Set f
Syntax:
[
label ] BSF
f,b
Operands:
0
 f  127
0
 b  7
Operation:
1
 (f<b>)
Status Affected:
None
Encoding:
01
01bb
bfff
ffff
Description:
Bit 'b' in register 'f' is set.
Words:
1
Cycles:
1
Example
BSF
FLAG_REG,
7
Before Instruction
FLAG_REG = 0x0A
After Instruction
FLAG_REG = 0x8A
BTFSC
Bit Test, Skip if Clear
Syntax:
[
label ] BTFSC f,b
Operands:
0
 f  127
0
 b  7
Operation:
skip if (f<b>) = 0
Status Affected:
None
Encoding:
01
10bb
bfff
ffff
Description:
If bit 'b' in register 'f' is '0', then the
next instruction is skipped.
If bit 'b' is '0', then the next instruc-
tion fetched during the current
instruction execution is discarded,
and a NOP is executed instead,
making this a 2 cycle instruction.
Words:
1
Cycles:
1(2)
Example
HERE
FALSE
TRUE
BTFSC
GOTO
•
•
•
FLAG,1
PROCESS_CO
DE
Before Instruction
PC =
address
HERE
After Instruction
if FLAG<1> = 0,
PC =
address TRUE
if FLAG<1>=1,
PC =
address FALSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com