Electronic Components Datasheet Search
  English  ▼

X  

CY06C3R3 Datasheet(PDF) 2 Page - AVX Corporation

Part # CY06C3R3
Description  Glass Capacitors CY06, 07, 08 (QPL to MIL-C-11272/13/14/15)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CY06C3R3 Datasheet(HTML) 2 Page - AVX Corporation

  CY06C3R3 Datasheet HTML 1Page - AVX Corporation CY06C3R3 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11
Glass Capacitors
Part Numbers and Ordering Information
RATINGS & PART NUMBER REFERENCE (Standard Values)
MARKING
Military Type
Capacitance
Tolerances
DC
Designation
(pF)
Available
Working
Voltage
CY06
CY06C1R0_
1.0
C, D
300
CY06C1R5_
1.5
C, D
300
CY06C2R2_
2.2
C, D
300
CY06C2R7_
2.7
C, D
300
CY06C3R0_
3.0
C, D
300
CY06C3R3_
3.3
C, D
300
CY06C3R6_
3.6
C, D
300
CY06C3R9_
3.9
C, D
300
CY06C4R3_
4.3
C, D
300
CY06C4R7_
4.7
C, K
300
CY06C5R1_
5.1
C, J, K
300
CY06C5R6_
5.6
C, J, K
300
CY06C6R2_
6.2
C, J, K
300
CY06C6R8_
6.8
C, J, K
300
CY06C7R5_
7.5
C, J, K
300
CY06C8R2_
8.2
C, J, K
300
CY06C9R1_
9.1
C, J, K
300
CY06C100_
10
C, J, K, M
300
CY06C110_
11
C, J, K, M
300
CY06C120_
12
C, J, K, M
300
CY06C130_
13
C, G, J, K, M
300
CY06C150_
15
C, G, J, K, M
300
CY06C160_
16
C, G, J, K, M
300
CY06C180_
18
C, G, J, K, M
300
CY06C200_
20
C, G, J, K, M
300
CY06C220_
22
C, G, J, K, M
300
CY06C240_
24
C, G, J, K, M
300
CY06C270_
27
F, G, J, K, M
300
CY06C300_
30
F, G, J, K, M
300
CY06C330_
33
F, G, J, K, M
300
CY06C360_
36
F, G, J, K, M
300
CY06C390_
39
F, G, J, K, M
300
CY06C430_
43
F, G, J, K, M
300
CY06C470_
47
F, G, J, K, M
300
CY06C510_
51
F, G, J, K, M
300
CY06C560_
56
F, G, J, K, M
300
CY06C620_
62
F, G, J, K, M
300
CY06C680_
68
F, G, J, K, M
300
CY06C750_
75
F, G, J, K, M
300
CY06C820_
82
F, G, J, K, M
300
Add letter for tolerance code above lines.
Military Type
Capacitance
Tolerances
DC
Designation
(pF)
Available
Working
Voltage
CY06 (cont)
CY06C910_
91
F, G, J, K, M
300
CY06C101_
100
F, G, J, K, M
300
CY06C111_
110
F, G, J, K, M
300
CY06C121_
120
F, G, J, K, M
300
CY06C131_
130
F, G, J, K, M
300
CY06C151_
150
F, G, J, K, M
300
CY06C161_
160
F, G, J, K, M
300
CY06C181_
180
F, G, J, K, M
300
CY06C201_
200
F, G, J, K, M
300
CY06C221_
220
F, G, J, K, M
300
CY06C241_
240
F, G, J, K, M
300
CY06C271_
270
F, G, J, K, M
300
CY06C301_
300
F, G, J, K, M
300
CY06C331_
330
F, G, J, K, M
300
CY06C361_
360
F, G, J, K, M
300
CY06C391_
390
F, G, J, K, M
300
CY06C431_
430
F, G, J, K, M
300
CY06C471_
470
F, G, J, K, M
300
CY06C511_
510
F, G, J, K, M
300
CY06C561_
560
F, G, J, K, M
300
CY07
CY07C621_
620
F, G, J, K, M
300
CY07C681_
680
F, G, J, K, M
300
CY07C751_
750
F, G, J, K, M
300
CY07C821_
820
F, G, J, K, M
300
CY07C911_
910
F, G, J, K, M
300
CY07C102_
1,000
F, G, J, K, M
300
CY08
CY08C112_
1,100
F, G, J, K, M
300
CY08C122_
1,200
F, G, J, K, M
300
CY08C132_
1,300
F, G, J, K, M
300
CY08C152_
1,500
F, G, J, K, M
300
CY08C162_
1,600
F, G, J, K, M
300
CY08C182_
1,800
F, G, J, K, M
300
CY08C202_
2,000
F, G, J, K, M
300
CY08C222_
2,200
F, G, J, K, M
300
CY08C242_
2,400
F, G, J, K, M
300
Add letter for tolerance code above lines.
CY
Style
Glass Capacitor
06
Case Size
06
07
08
C
Operating
Temperature Range
-55°C to +125°C
561
Capacitance Code
Capacitance Code is
expressed in picofarads (pF).
The first two digits represent
significant figures and the
third digit specifies the
number of zeros to follow;
i.e. 561 indicates 560 pF.
For values below 10 pF,
R = decimal point;
i.e. 1R5 indicates 1.5 pF.
J
Capacitance Tolerance
C = ±.25 pF
D = ±.50 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
HOW TO ORDER
AVX
CY06C
561J
AVX = AVX Corporation
CY = Glass Capacitor
06 = Case Size
C = Operating Temperature Range
561 = Capacitance, Coded in pF
J = Tolerance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com