Electronic Components Datasheet Search
  English  ▼

X  

CYR10 Datasheet(PDF) 1 Page - AVX Corporation

Part # CYR10
Description  Glass Capacitors CYR10, 15 (Established Reliability) M23269/01, 02 (QPL to MIL-PRF-23269)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CYR10 Datasheet(HTML) 1 Page - AVX Corporation

  CYR10 Datasheet HTML 1Page - AVX Corporation CYR10 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAILURE RATE LEVELS M AND S
APPLICATIONS
These precision glass dielectric capacitors are QPL to Established
Reliability specification MIL-PRF-23269. Fused monolithic construc-
tion provides excellent electrical performance, environmental immu-
nity, stability and retraceability. These capacitors have axial leads.
PERFORMANCE CHARACTERISTICS
Temperature Coefficient: +140 ±25 ppm/°C from
-55°C to +125°C. TC of all units will track and retrace to with-
in ±5 ppm.
Life: At rated conditions (100% rated voltage, 125°C),
capacitance change is less than:
±0.5% after 2,000 hours
±2.0% after 30,000 hours
At accelerated conditions (150% rated voltage, 125°C),
capacitance change is less than:
±0.5% after 2,000 hours
±2.0% after 6,000 hours
Insulation Resistance: A minimum of 100,000 megohms at
25°C and 10,000 megohms at 125°C.
Voltage/Temperature Rating: Voltage ratings are shown in
the part number tables. The operating temperature range is
-55°C to +125°C.
Radiation Resistance: The unique materials and construc-
tion techniques involved with glass capacitors make them
ideal for use in radiation environments. After a total dose
of nearly 108 rads (H
2O)
glass capacitors exhibit only a
minor change in capacitance (≤.5%) and an 8% change in
dissipation factor. Furthermore, glass capacitors can operate
in fast neutron flux environments of 1015 N cm-2sec-1 and
experience little or no damage in component parameters.
Voltage Coefficient: Zero.
Additional performance details are given in the AVX
“Performance Characteristics of Multilayer Glass Dielectric
Capacitors” technical paper.
14
Case
Lead Dia.
Size
L
W
T
+0.1(+0.004)
-0.03(±0.001)
CYR10
8.74 ± 1.19
4.37 ± .79
1.98 ± .79
.51
(0.344 ± 0.047)
(0.172 ± 0.031)
(0.078 ± 0.031)
(0.020)
CYR15
11.91 ± 1.19
6.76 ± .79
2.77 ± 1.19
.51
(0.469 ± 0.047)
(0.266 ± 0.031)
(0.109 ± 0.047)
(0.020)
JCY6E
151JM
CYR10
CYR15
M23269J
02-3042
AVX
DIMENSIONS:
millimeters (inches)
Note: Standard leads are solder-coated Dumet.
L
T
W
28.58
(1.125)
Min.
Glass Capacitors
CYR10, 15 (Established Reliability)
M23269/01, 02 (QPL to MIL-PRF-23269)


Similar Part No. - CYR10

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CYR51 AVX-CYR51 Datasheet
82Kb / 2P
Glass Capacitors CYR51, 52, 53 (Established Reliability) M23269/10 (QPL to MIL-PRF-23269)
CYR52 AVX-CYR52 Datasheet
82Kb / 2P
Glass Capacitors CYR51, 52, 53 (Established Reliability) M23269/10 (QPL to MIL-PRF-23269)
CYR53 AVX-CYR53 Datasheet
82Kb / 2P
Glass Capacitors CYR51, 52, 53 (Established Reliability) M23269/10 (QPL to MIL-PRF-23269)
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103 Datasheet
1Mb / 65P
Programmable Radio on Chip Low Power
More results

Similar Description - CYR10

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAZSERIES AVX-TAZSERIES Datasheet
320Kb / 15P
CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
TBCSERIES AVX-TBCSERIES Datasheet
154Kb / 3P
CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
CYR51 AVX-CYR51 Datasheet
82Kb / 2P
Glass Capacitors CYR51, 52, 53 (Established Reliability) M23269/10 (QPL to MIL-PRF-23269)
CWR11DH106KB AVX-CWR11DH106KB Datasheet
146Kb / 4P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
CWR11HH106KCB AVX-CWR11HH106KCB Datasheet
145Kb / 4P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
CWR11KK106KBB AVX-CWR11KK106KBB Datasheet
233Kb / 10P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
21-Sep-12
logo
Cornell Dubilier Electr...
CMR CDE-CMR Datasheet
305Kb / 6P
High-Reliability Dipped Capacitors/MIL-PRF-39001
CMR05E270JODM CDE-CMR05E270JODM Datasheet
305Kb / 6P
High-Reliability Dipped Capacitors/MIL-PRF-39001
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
CWR09 - MIL-PRF-55365/4 Established Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com