Electronic Components Datasheet Search
  English  ▼

X  

PIC12C671T Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC12C671T
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C671T Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC12C671T Datasheet HTML 85Page - Microchip Technology PIC12C671T Datasheet HTML 86Page - Microchip Technology PIC12C671T Datasheet HTML 87Page - Microchip Technology PIC12C671T Datasheet HTML 88Page - Microchip Technology PIC12C671T Datasheet HTML 89Page - Microchip Technology PIC12C671T Datasheet HTML 90Page - Microchip Technology PIC12C671T Datasheet HTML 91Page - Microchip Technology PIC12C671T Datasheet HTML 92Page - Microchip Technology PIC12C671T Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 89
PIC12C67X
12.0
ELECTRICAL SPECIFICATIONS FOR PIC12C67X
Absolute Maximum Ratings †
Ambient temperature under bias...............................................................................................................–40° to +125°C
Storage temperature ............................................................................................................................. –65°C to +150°C
Voltage on any pin with respect to VSS (except VDD and MCLR)................................................... –0.3V to (VDD + 0.3V)
Voltage on VDD with respect to VSS ................................................................................................................ 0 to +7.0V
Voltage on MCLR with respect to VSS (Note 2)..................................................................................................0 to +14V
Total power dissipation (Note 1) ........................................................................................................................... 700 mW
Maximum current out of VSS pin ........................................................................................................................... 200 mA
Maximum current into VDD pin .............................................................................................................................. 150 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
 20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin .................................................................................................... 25 mA
Maximum current sunk by
GPIO pins combined ...................................................................................................100 mA
Maximum current sourced by GPIO pins combined.............................................................................................. 100 mA
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
 IOH} +  {(VDD - VOH) x IOH} + (VOl x IOL).
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com