Electronic Components Datasheet Search
  English  ▼

X  

CYR51 Datasheet(PDF) 2 Page - AVX Corporation

Part # CYR51
Description  Glass Capacitors CYR51, 52, 53 (Established Reliability) M23269/10 (QPL to MIL-PRF-23269)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CYR51 Datasheet(HTML) 2 Page - AVX Corporation

  CYR51 Datasheet HTML 1Page - AVX Corporation CYR51 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17
Cap. Value
Part Number
(pF)
Capacitance Tolerance
CYR51 M23269/10- (cont’d)
300 Volts
±1%
±2%
±5%
27
3052
3053
3054
30
3055
3056
3057
33
3058
3059
3060
36
3061
3062
3063
39
3064
3065
3066
43
3067
3068
3069
47
3070
3071
3072
51
3073
3074
3075
56
3076
3077
3078
62
3079
3080
3081
68
3082
3083
3084
75
3085
3086
3087
82
3088
3089
3090
91
3091
3092
3093
100
3094
3095
3096
110
3097
3098
3099
120
3100
3101
3102
130
3103
3104
3105
150
3106
3107
3108
160
3109
3110
3111
180
3112
3113
3114
200
3115
3116
3117
220
3118
3119
3120
240
3121
3122
3123
270
3124
3125
3126
300
3127
3128
3129
330
3130
3131
3132
360
3133
3134
3135
390
3136
3137
3138
430
3139
3140
3141
470
3142
3143
3144
510
3145
3146
3147
560
3148
3149
3150
RATINGS & PART NUMBER REFERENCE
MARKING
CROSS REFERENCE
M23269
Style
Military Specification
Established Reliability
Glass Capacitor
10
Case Size
Slash sheet
CYR51
CYR52
CYR53
3
Failure Rate
3 = M level, 1%/1000 hrs.
001
Capacitance Code
Capacitance value
coded in accordance
with MIL-PRF-23269 –
(see Part Number section)
HOW TO ORDER
M23269J
10-3001
AVX 06 B
M23269 = Military specification established
reliability glass capacitor
J = JAN Trademark
10 = Slash sheet for case sizes –
CYR51, CYR52, CYR53
3 = Failure rate (M level)
001 = Capacitance value coded in
accordance with MIL-PRF-23269
AVX = AVX Corporation
06 = Year
B = Lot Code
Cap. Value
Part Number
(pF)
Capacitance Tolerance
CYR51 M23269/10-
300 Volts
±.25pF
±2%
±5%
1
3001
—
—
1.5
3002
—
—
2.2
3003
—
—
2.7
3004
—
—
3.0
3005
—
—
3.3
3006
—
—
3.6
3007
—
—
3.9
3008
—
—
4.3
3009
—
—
4.7
3010
—
—
5.1
3011
—
3012
5.6
3013
—
3014
6.2
3015
—
3016
6.8
3017
—
3018
7.5
3019
—
3020
8.2
3021
—
3022
9.1
3023
—
3024
10
3025
—
3026
11
3027
—
3028
12
3029
—
3030
13
3031
3032
3033
15
3034
3035
3036
16
3037
3038
3039
18
3040
3041
3042
20
3043
3044
3045
22
3046
3047
3048
24
3049
3050
3051
*Add first digit to indicate failure rate.
Glass Capacitors
Part Numbers and Ordering Information
Cap. Value
Part Number
(pF)
Capacitance Tolerance
CYR52 M23269/10-
300 Volts
±1%
±2%
±5%
620
3201
3202
3203
680
3204
3205
3206
750
3207
3208
3209
820
3210
3211
3212
910
3213
3214
3215
1,000
3216
3217
3218
CYR53 M23269/10-
1,100
3301
3302
3303
1,200
3304
3305
3306
1,300
3307
3308
3309
1,500
3310
3311
3312
1,600
3313
3314
3315
1,800
3316
3317
3318
2,000
3319
3320
3321
2,200
3322
3323
3324
2,400
3325
3326
3327
*Add first digit to indicate failure rate.
*Add first digit to indicate failure rate.
CYR51, 52, 53
MIL-C-23269
MIL-C-11272
Style
Style
CYR10
CY10
CYR15
CY15
CYR20
CY20
CYR30
CY30
CYR51
CY06
CYR52
CY07
CYR53
CY08
/
—



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com