Electronic Components Datasheet Search
  English  ▼

X  

TPS62205DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62205DBVR
Description  HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62205DBVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS62205DBVR Datasheet HTML 1Page - Texas Instruments TPS62205DBVR Datasheet HTML 2Page - Texas Instruments TPS62205DBVR Datasheet HTML 3Page - Texas Instruments TPS62205DBVR Datasheet HTML 4Page - Texas Instruments TPS62205DBVR Datasheet HTML 5Page - Texas Instruments TPS62205DBVR Datasheet HTML 6Page - Texas Instruments TPS62205DBVR Datasheet HTML 7Page - Texas Instruments TPS62205DBVR Datasheet HTML 8Page - Texas Instruments TPS62205DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
VI
GND
EN
SW
FB
TPS62200
,, TPS62201
TPS62202, TPS62203, TPS62207
TPS62204, TPS62205, TPS62208
SLVS417E – MARCH 2002 – REVISED MAY 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION (1)
TA
OUTPUT VOLTAGE
SOT23 PACKAGE
SYMBOL
Adjustable
TPS62200DBV
PHKI
1.2 V
TPS62207DBV
PJGI
1.5 V
TPS62201DBV
PHLI
1.6 V
TPS62204DBV
PHSI
-40°C to 85°C
1.8 V
TPS62202DBV
PHMI
1.875 V
TPS62208DBV
ALW
2.5 V
TPS62205DBV
PHTI
3.3 V
TPS62203DBV
PHNI
(1)
The DBV package is available in tape and reel. Add R suffix (DBVR) to order quantities of 3000 parts.
Add T suffix (DBVT) to order quantities of 250 parts
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
This is the enable pin of the device. Pulling this pin to ground forces the device into shutdown mode. Pulling this
EN
3
I
pin to Vin enables the device. This pin must not be left floating and must be terminated.
This is the feedback pin of the device. Connect this pin directly to the output if the fixed output voltage version is
FB
4
I
used. For the adjustable version an external resistor divider is connected to this pin. The internal voltage divider
is disabled for the adjustable version.
GND
2
Ground
SW
5
I/O
Connect the inductor to this pin. This pin is the switch pin and is connected to the internal MOSFET switches.
VI
1
I
Supply voltage pin
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com