Electronic Components Datasheet Search
  English  ▼

X  

TSH181 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSH181
Description  General Purpose Hall Effect Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH181 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSH181 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH181 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH181 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH181 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH181 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH181 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH181 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSH181
General Purpose Hall Effect Latch
1/7
Version: B13
TO-92S
Description
TSH181, Hall-Effect sensor, designed for electronic commutation of brush-less DC motor applications. The
device includes an on-chip Hall voltage generator for magnetic sensing, a comparator that amplifies the Hall
Voltage, and a Schmitt trigger to provide switching hysteresis for noise rejection, and open collector output. An
internal band gap regulator is used to provide temperature compensated supply voltage for internal circuits and
allows a wide operating supply range. The device is identical except for magnetic switch points. The device
includes on a single silicon chip a voltage regulator, Hall-voltage generator, small-signal amplifier, chopper
stabilization, Schmitt trigger, open-collector output to sink up to 25mA. A south pole of sufficient strength will turn
the output on. The North Pole is necessary to turn the output off. An on-board regulator permits operation with
supply voltages of 3.5V to 20 V.
Features
●
Temperature compensation.
●
Wide operating voltage range.
●
Open-Collector pre-driver.
●
Reverse bias protection on power supply pin.
●
100% at 125
oC “Hot Test”
Ordering Information
Part No.
Package
Packing
TSH181CT B0G
TO-92S
1Kpcs / Bulk Bag
Note: “G” denote for Halogen Free Product
Application
●
High temperature Fan motor
●
3 phase BLDC motor application
●
Fan motor application
●
Speed sensing
●
Revolution counting
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Characteristics
Limit
Value
Unit
Supply voltage
VCC
20
V
Output Voltage
VOUT
30
V
Reverse voltage
VCC/OUT
-20
V
Magnetic flux density
Unlimited
Gauss
Output current
IOUT
25
mA
Operating Temperature Range
TOPR
-40 to +125
oC
Storage temperature range
TSTG
-55 to +150
oC
Maximum Junction Temp
TJ
150
oC
Thermal Resistance - Junction to Ambient
θ
JA
206
oC/W
Thermal Resistance - Junction to Case
θ
JC
148
oC/W
Package Power Dissipation
PD
606
mW
Note: Do not apply reverse voltage to VCC and VOUT Pin, It may be caused for Miss function or damaged device.
Pin Definition:
1. VDD
2. GND
3. Output


Similar Part No. - TSH181

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH181CT TSC-TSH181CT Datasheet
381Kb / 7P
General Purpose Hall Effect Latch
Version: C2305
More results

Similar Description - TSH181

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1751 DIODES-AH1751 Datasheet
122Kb / 6P
HALL EFFECT LATCH
AH1751 Rev. 1 - 2
logo
SeCoS Halbleitertechnol...
SH177 SECOS-SH177 Datasheet
488Kb / 5P
Hall Effect Latch IC
logo
Diodes Incorporated
AH1751 DIODES-AH1751_09 Datasheet
143Kb / 9P
HALL EFFECT LATCH
AH1751 Rev. 4
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
Dual Hall Effect Latch
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
BIPOLAR HALL EFFECT LATCH
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
Hall Effect Latch
EM-6011 AKM-EM-6011 Datasheet
543Kb / 13P
Hall Effect Latch
logo
Feeling Technology Corp...
FS41 FEELING-FS41 Datasheet
101Kb / 7P
Single Hall Effect Latch
FS3144 FEELING-FS3144 Datasheet
102Kb / 7P
Single Hall Effect Latch
logo
Prolific Technology Inc...
PT3611 PROLIFIC-PT3611 Datasheet
205Kb / 1P
General Purpose Latch Type Hall Effect Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com