Electronic Components Datasheet Search
  English  ▼

X  

PIC16C72 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16C72
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72 Datasheet(HTML) 2 Page - Microchip Technology

  PIC16C72 Datasheet HTML 1Page - Microchip Technology PIC16C72 Datasheet HTML 2Page - Microchip Technology PIC16C72 Datasheet HTML 3Page - Microchip Technology PIC16C72 Datasheet HTML 4Page - Microchip Technology PIC16C72 Datasheet HTML 5Page - Microchip Technology PIC16C72 Datasheet HTML 6Page - Microchip Technology PIC16C72 Datasheet HTML 7Page - Microchip Technology PIC16C72 Datasheet HTML 8Page - Microchip Technology PIC16C72 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 128 page
background image
PIC16C72 Series
DS39016B-page 2
Preliminary
 1998-2013 Microchip Technology Inc.
Table of Contents
1.0
Device Overview .......................................................................................................................................................................... 3
2.0
Memory Organization ................................................................................................................................................................... 5
3.0
I/O Ports ..................................................................................................................................................................................... 19
4.0
Timer0 Module ........................................................................................................................................................................... 25
5.0
Timer1 Module ........................................................................................................................................................................... 27
6.0
Timer2 Module ........................................................................................................................................................................... 31
7.0
Capture/Compare/PWM (CCP) Module ..................................................................................................................................... 33
8.0
Synchronous Serial Port (SSP) Module ..................................................................................................................................... 39
9.0
Analog-to-Digital Converter (A/D) Module .................................................................................................................................. 53
10.0 Special Features of the CPU ...................................................................................................................................................... 59
11.0 Instruction Set Summary ............................................................................................................................................................ 73
12.0 Development Support................................................................................................................................................................. 75
13.0 Electrical Characteristics - PIC16C72 Series ............................................................................................................................. 77
14.0 DC and AC Characteristics Graphs and Tables - PIC16C72 ..................................................................................................... 97
15.0 DC and AC Characteristics Graphs and Tables - PIC16CR72 ................................................................................................ 107
16.0 Packaging Information.............................................................................................................................................................. 109
Appendix A:
What’s New in this Data Sheet .................................................................................................................................. 115
Appendix B:
What’s Changed in this Data Sheet ........................................................................................................................... 115
Appendix C:
Device Differences..................................................................................................................................................... 115
Index .................................................................................................................................................................................................. 117
On-Line Support................................................................................................................................................................................. 121
Reader Response .............................................................................................................................................................................. 122
PIC16C72 Series Product Identification System................................................................................................................................ 125
Sales and Support.............................................................................................................................................................................. 125
To Our Valued Customers
We constantly strive to improve the quality of all our products and documentation. We have spent an exceptional
amount of time to ensure that these documents are correct. However, we realize that we may have missed a few
things. If you find any information that is missing or appears in error, please use the reader response form in the
back of this data sheet to inform us. We appreciate your assistance in making this a better document.
Key Reference Manual Features
PIC16C72
PIC16CR72
Operating Frequency
DC - 20MHz
DC - 20MHz
Resets
POR, PWRT, OST, BOR
POR, PWRT, OST, BOR
Program Memory - (14-bit words)
2K (EPROM)
2K (ROM)
Data Memory - RAM (8-bit bytes)
128
128
Interrupts
8
8
I/O Ports
PortA, PortB, PortC
PortA, PortB, PortC
Timers
Timer0, Timer1, Timer2
Timer0, Timer1, Timer2
Capture/Compare/PWM Modules
1
1
Serial Communications
Basic SSP
SSP
8-Bit A/D Converter
5 channels
5 channels
Instruction Set (No. of Instructions)
35
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com