Electronic Components Datasheet Search
  English  ▼

X  

TSH188 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSH188
Description  Ultra High Sensitivity Hall Effect Latch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH188 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSH188 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSH188
Ultra High Sensitivity Hall Effect Latch
1/8
Version: C13
TO-92S
SOT-23
Description
TSH188 Hall-effect sensor is a temperature stable, stress-resistant sensor. Superior high-temperature
performance is made possible through a dynamic offset cancellation that utilizes chopper-stabilization. This
method reduces the offset voltage normally caused by device over molding, temperature dependencies, and
thermal stress. TSH188 includes the following on a single silicon chip: voltage regulator, Hall voltage generator,
small-signal amplifier, chopper stabilization, Schmitt trigger. Advanced DMOS wafer fabrication processing is used
to take advantage of low-voltage requirements, component matching, very low input-offset errors, and small
component geometries. This device requires the presence of both south and north polarity magnetic fields for
operation. In the presence of a south polarity field of sufficient strength, the device output sensor on, and only
switches off when a north polarity field of sufficient strength is present
Features
●
100% tested at 125
oC
●
Temperature compensation function
●
Chopper stabilized amplifier stage.
●
Optimized for BLDC motor applications.
●
Reliable and low shifting on high Temp condition.
Ordering Information
Part No.
Package
Packing
TSH188CT B0G
TO-92S
1Kpcs / Bulk Bag
TSH188CT A3G
TO-92S
2Kpcs / Ammo
TSH188CX RFG
SOT-23
3Kpcs / 7” Reel
Note: “G” denote for Halogen Free Product
Application
●
High temperature Fan motor
●
3 phase BLDC motor application
●
Speed sensing, Position sensing, Current sensing
●
Revolution counting
●
Solid-State Switch
●
Linear/Angular Position Detection
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Characteristics
Limit
Value
Unit
Supply voltage
VCC
28
V
Output Voltage
VOUT
28
V
Reverse voltage
VCC/OUT
-28
V
Magnetic flux density
Unlimited
Gauss
Output current
IOUT
50
mA
Operating Temperature Range
TOPR
-40 to +125
oC
Storage temperature range
TSTG
-55 to +150
oC
Maximum Junction Temp
TJ
150
oC
Thermal Resistance - Junction to Ambient
TO-92S
θ
JA
206
oC/W
SOT-23
543
Thermal Resistance - Junction to Case
TO-92S
θ
JC
148
oC/W
SOT-23
410
Package Power Dissipation
TO-92S
PD
606
mW
SOT-23
230
Note: Do not apply reverse voltage to VCC and VOUT Pin, It may be caused for Miss function or damaged device.
Pin Definition:
1. VCC
2. GND
3. Output
Pin Definition:
1. VCC
2. Output
3. GND


Similar Part No. - TSH188

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH181 TSC-TSH181 Datasheet
316Kb / 7P
General Purpose Hall Effect Latch
TSH181CT TSC-TSH181CT Datasheet
381Kb / 7P
General Purpose Hall Effect Latch
Version: C2305
More results

Similar Description - TSH188

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
logo
BCD Semiconductor Manuf...
AH920 BCDSEMI-AH920 Datasheet
97Kb / 2P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921 Datasheet
629Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH920 OHHALLSENSOR-OH920 Datasheet
192Kb / 4P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
OH921 OHHALLSENSOR-OH921 Datasheet
206Kb / 5P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH921 DIODES-AH921 Datasheet
427Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
Rev olution
AH920 DIODES-AH920 Datasheet
325Kb / 13P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
Rev olution
AH3382 DIODES-AH3382_18 Datasheet
752Kb / 14P
HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com