Electronic Components Datasheet Search
  English  ▼

X  

GHB Datasheet(PDF) 2 Page - AVX Corporation

Part # GHB
Description  Microwave SLCs Multi-Cap Arrays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

GHB Datasheet(HTML) 2 Page - AVX Corporation

  GHB Datasheet HTML 1Page - AVX Corporation GHB Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13
Microwave SLCs
Multi-Cap Arrays
GHB SERIES: DUAL CAP SINGLE LAYER CAPACITORS
GHB2
GHBY
GHB3
GHB4
GHB5
(L) Length
.050±.010
.080±.010 (2.03±.254)
(1.27±.254)
(W) Width
.020+.000,-.003
.025+.000,-.003
.030+.000,-.003
.040+.000,-.003
.050+.000,-.003
(.508+.000,-.076)
(.635+.000,-.076)
(.762+.000,-.076)
(1.02+.000,-.076)
(1.27+.000,-.076)
(T) Thickness
.008±.002 (.203±.051)
(G) Gap
.005 min/.010 max (.127/.254)
DIMENSIONS: inches (millimeters)
Cap/Pad (pF)
Cap/Pad (pF)
Cap/Pad (pF)
Cap/Pad (pF)
Cap/Pad (pF)
Dielectric
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
A
0.2
1.2
0.4
2.6
0.5
3.1
0.7
4.2
0.9
5.7
C
18
75
39
160
47
200
63
260
78
330
Z
25
220
54
500
65
600
88
770
100
960
Maxi
200
350
430
780
520
940
700
1200
870
1500
Maxi+
270
450
600
1000
730
1200
980
1500
1200
1900
GH-SERIES: MULTI-CAP ARRAY SINGLE LAYER CAPACITORS
GH*2
GH*Y
GH*3
GH*6
Length - Code (C) - 3 Caps
.065±.010 (1.65±.254)
Length - Code (D) - 4 Caps
.090±.010 (2.29±.254)
Length - Code (E) - 5 Caps
.115±.010 (2.92±.254)
Length - Code (F) - 6 Caps
.140±.010 (3.56±.254)
(W) Width
.020±.005
.025±.005
.030±.005
.040±.005
(.508±.127)
(.635±.127)
(.762±.127)
(1.02±.127)
(T) Thickness
.008±.002 (.203±.051)
Pad Size (nominal)
.020x.015
.025x.015
.030x.015
.040x.015
(.508x.381)
(.635x.381)
(.762x.381)
(1.02x.381)
(G) Gap (All Arrays)
.005 min/.010 max (.127/.254)
DIMENSIONS: inches (millimeters)
Cap/Pad (pF)
Cap/Pad (pF)
Cap/Pad (pF)
Cap/Pad (pF)
Dielectric
Min
Max
Min
Max
Min
Max
Min
Max
Z
20
120
25
150
30
180
40
250
Maxi
140
200
170
250
210
300
280
400
Maxi+
200
300
250
370
300
450
400
600
GH
Type Code
B
Array
Code
B = 2
C = 3
D = 4
E = 5
F = 6
5
Size Code
2 = .020" W
Y = .025" W
3 = .030" W
4 = .040" W
5 = .050" W
S = Special
5
Working
Voltage
Code
5 = 50VDC
8
Dielectric
Code
A = NP0
C = X7R
Z = X7S
8 = Maxi
9 = Maxi+
102
Cap
Code
EIA Cap
Code in pF
P
Cap
Tolerance
P = +100%
-0%
Z = +80%
-20%
Dual-Caps
M = ±20%
available
A
Termination
Code
A = Au
(100 µ-in min)
over
Ti/W (1000 Å nom)
also available
N = Ti/W-Ni-Au
6N
Packaging
Code
6N = Antistatic
Waffle Pack
HOW TO ORDER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com