Electronic Components Datasheet Search
  English  ▼

X  

GX02 Datasheet(PDF) 1 Page - AVX Corporation

Part # GX02
Description  GX Series Ultra Broad Band Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

GX02 Datasheet(HTML) 1 Page - AVX Corporation

  GX02 Datasheet HTML 1Page - AVX Corporation GX02 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The GX Series was developed specifically to address DC
Blocking issues from ~16KHz (-3dB roll-off) to 40GHz. Most
applications will experience resonance-free insertion loss of
<0.5dB thru at least 40GHz. Insertion loss at higher frequencies
is in part dependent on installation parameters. Using AVX’s
patented precision thin film termination process, the part is
designed to be completely orientation insensitive with a standard
EIA 0402 footprint to minimize board space requirements. Both
Ni/Sn and Ni/Au terminations are available to cover a wide range
of attachment processes. All GX parts are RoHS compliant.
Au terminated units are wire bondable. Users may, therefore, find
these devices equally useful in bypass applications when wire
bonding is a necessary part of the manufacturing process.
More information can be obtained by contacting the factory or
your local AVX representative.
GX Series
Ultra Broad Band Capacitor
ADVANTAGES
• Ultra-Broadband performance
• Ultra-Low Insertion Loss
• X5R & X7S Characteristics
• Excellent Return Loss
APPLICATIONS
• Semi-Conductor Data
Communications Customers
• Receiver Optical Sub-Assemblies
• Transimpedance Amplifier
Customers
• Test Equipment Manufactures
0
Frequency (GHz)
0
5
10
15
20
30
35
40
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
-1.6
-1.8
-2
25
(Typical)
0
(Typical)
Frequency (GHz)
0
510
15
20
25
30
35
40
-10
-20
-30
-40
-50
-60
Test Parameters:
Rogers RO4350 Board (T = 10 mils); Trace width = 22 mils; Gap = 24 mils; 50 ohm (nominal) characteristic impedance
GX02 Series – Insertion Loss (S21)
GX02 Series – Return Loss (S11)
MECHANICAL SPECIFICATIONS
0.508 ± 0.1
(0.020 ± 0.004)
0.508 ± 0.1
(0.020 ± 0.004)
1.016
±
0.1
(0.040
±
0.004)
0.128
±
0.051
(0.005
±
0.002)
mm (inches)


Similar Part No. - GX02

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GX02YD104KA71000 AVX-GX02YD104KA71000 Datasheet
173Kb / 2P
Ultra Broad Band Capacitor
GX02YD104KA72 AVX-GX02YD104KA72 Datasheet
173Kb / 2P
Ultra Broad Band Capacitor
GX02YD104KA7500 AVX-GX02YD104KA7500 Datasheet
173Kb / 2P
Ultra Broad Band Capacitor
GX02YD104KAT1000 AVX-GX02YD104KAT1000 Datasheet
173Kb / 2P
Ultra Broad Band Capacitor
GX02YD104KAT2 AVX-GX02YD104KAT2 Datasheet
173Kb / 2P
Ultra Broad Band Capacitor
More results

Similar Description - GX02

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
HJF-A-500 MERRIMAC-HJF-A-500 Datasheet
281Kb / 2P
BROAD BAND HYBRID JUNCTION
logo
AVX Corporation
GX02YD104KAT2 AVX-GX02YD104KAT2 Datasheet
173Kb / 2P
Ultra Broad Band Capacitor
GL6R0KA7B AVX-GL6R0KA7B Datasheet
202Kb / 2P
Ultra Broad Band Inductor
GX01ZD103PATD AVX-GX01ZD103PATD Datasheet
192Kb / 2P
Ultra Broad Band Capacitor
AVXGX0402 AVX-AVXGX0402 Datasheet
207Kb / 2P
Ultra Broad Band Capacitor
AVXGX AVX-AVXGX Datasheet
197Kb / 2P
Ultra Broad Band Capacitor
GX03-242063 AVX-GX03-242063 Datasheet
224Kb / 3P
Ultra Broad Band Capacitor
GX03 AVX-GX03 Datasheet
220Kb / 2P
Ultra Broad Band Capacitor
GX01 AVX-GX01 Datasheet
209Kb / 2P
GX Series Ultra Broad Band Capacitor
GX0S AVX-GX0S_15 Datasheet
304Kb / 2P
Ultra Broad Band Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com