Electronic Components Datasheet Search
  English  ▼

X  

TSH282 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSH282
Description  Sensitivity Unipolar Hall Effect Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH282 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSH282 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH282 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH282 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH282 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH282 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH282 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH282 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSH282 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSH282
Sensitivity Unipolar Hall Effect Switch
2/8
Version: B13
D1:1N4148 or 100Ω
C1:1000pF
C2:15pF
R1:10KΩ
Block Diagram
Note: Static sensitive device; please observe ESD precautions. Reverse VDD protection is not included. For
reverse voltage protection, a 100
Ω resistor in series with VDD is recommended.
Typical Application Circuit
Electrical Specifications (DC Operating Parameters:TA=+25
oC,V
CC=12V)
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage
Operating
3.0
--
24
V
Supply Current
B<BOP
--
2.5
5.0
mA
Output Low Voltage
IOUT = 20mA, B>BOP
--
--
500
mV
Output Leakage Current
IOFF B<BRP, VOUT = 20V
--
--
10
uA
Output Rise Time
RL=1k
Ω, CL =20pF
--
0.04
--
uS
Output Fall Time
RL=1k
Ω; CL =20pF
--
0.18
--
uS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com