Electronic Components Datasheet Search
  English  ▼

X  

NBS Datasheet(PDF) 3 Page - AVX Corporation

Part # NBS
Description  NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NBS Datasheet(HTML) 3 Page - AVX Corporation

  NBS Datasheet HTML 1Page - AVX Corporation NBS Datasheet HTML 2Page - AVX Corporation NBS Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
56
■ MARCH 2013
NBS COTS-Plus
Niobium Oxide Capacitor Weibull Grade
RATINGS & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2V. DCL is measured at
rated voltage after 5 minutes.
NOTE: AVX reserves the rights to supply higher voltage rating in the same case size, to the same reliability standards.
Rated
DCL
DF
ESR
100kHz Ripple Current Rating (A)
100kHz Ripple Voltage Ratings (V)
AVX Part Number
Case
Cap
Voltage
(μA)
%
Max. (mΩ)
Size
(μF)
(V)
Max.
Max.
@100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
105ºC
1.8 Volt @ 85°C (1.2 Volt @ 105°C, 0.9 Volt @ 125ºC)
NBS B107M001 L
#@0 ^ +
B
100
1.8
3.6
6
350
0.540
0.486
0.216
0.189
0.170
0.076
NBS C227M001 L
#@0 ^ +
C
220
1.8
8.0
8
125
1.028
0.925
0.411
0.128
0.116
0.051
2.5 Volt @ 85°C (1.7 Volt @ 105°C, 1.3 Volt @ 125ºC)
NBS A226M002 L
#@0 ^ +
A
22
2.5
1.1
6
900
0.316
0.285
0.126
0.285
0.256
0.114
NBS B336M002 L
#@0 ^ +
B
33
2.5
1.7
6
600
0.412
0.371
0.165
0.247
0.223
0.099
NBS B476M002 L
#@0 ^ +
B
47
2.5
2.4
6
500
0.452
0.406
0.181
0.226
0.203
0.090
NBS C686M002 L
#@0 ^ +
C
68
2.5
3.4
6
200
0.812
0.731
0.325
0.162
0.146
0.065
NBS C107M002 L
#@0 ^ +
C
100
2.5
5.0
6
150
0.938
0.844
0.375
0.141
0.127
0.056
NBS C157M002 L
#@0 ^ +
C
150
2.5
7.6
6
65
1.425
1.283
0.570
0.093
0.083
0.037
NBS C157M002 C
#@0 ^ +
C
150
2.5
7.6
6
150
0.938
0.844
0.375
0.141
0.127
0.056
NBS C227M002 L
#@0 ^ +
C
220
2.5
11.0
8
80
1.285
1.156
0.514
0.103
0.092
0.041
NBS C227M002 C
#@0 ^ +
C
220
2.5
11.0
8
125
1.028
0.925
0.411
0.128
0.116
0.051
NBS D337M002 L
#@0 ^ +
D
330
2.5
16.5
6
35
2.268
2.041
0.907
0.079
0.071
0.032
NBS D337M002 C
#@0 ^ +
D
330
2.5
16.5
10
100
1.342
1.207
0.537
0.134
0.121
0.054
NBS D477M002 C
#@0 ^ +
D
470
2.5
23.5
10
55
1.809
1.628
0.724
0.099
0.090
0.040
NBS D477M002 L
#@0 ^ +
D
470
2.5
23.5
10
100
1.342
1.207
0.537
0.134
0.121
0.054
NBS E477M002 L
#@0 ^ +
E
470
2.5
23.5
10
100
1.407
1.266
0.563
0.141
0.127
0.056
NBS E687M002 L
#@0 ^ +
E
680
2.5
34.0
12
60
1.817
1.635
0.727
0.109
0.098
0.044
NBS V108M002 L
#@0 ^ +
V
1000
2.5
50.0
18
50
2.449
2.205
0.980
0.122
0.110
0.049
4 Volt @ 85°C (2.7 Volt @ 105°C, 2 Volt @ 125ºC)
NBS A156M004 L
#@0 ^ +
A
15
4
1.2
6
1500
0.245
0.220
0.098
0.367
0.331
0.147
NBS B226M004 L
#@0 ^ +
B
22
4
1.8
6
600
0.412
0.371
0.165
0.247
0.223
0.099
NBS B336M004 L
#@0 ^ +
B
33
4
2.6
6
600
0.412
0.371
0.165
0.247
0.223
0.099
NBS B476M004 L
#@0 ^ +
B
47
4
3.8
6
500
0.452
0.406
0.181
0.226
0.203
0.090
NBS C476M004 L
#@0 ^ +
C
47
4
3.8
6
300
0.663
0.597
0.265
0.199
0.179
0.080
NBS C686M004 L
#@0 ^ +
C
68
4
5.4
6
200
0.812
0.731
0.235
0.162
0.146
0.065
NBS C107M004 L
#@0 ^ +
C
100
4
8.0
6
70
1.373
1.236
0.549
0.096
0.087
0.038
NBS C107M004 C
#@0 ^ +
C
100
4
8.0
6
150
0.938
0.844
0.375
0.141
0.127
0.056
NBS C157M004 L
#@0 ^ +
C
150
4
12.0
6
90
1.211
1.090
0.484
0.109
0.098
0.044
NBS C157M004 C
#@0 ^ +
C
150
4
12.0
6
150
0.938
0.844
0.375
0.141
0.127
0.056
NBS D227M004 L
#@0 ^ +
D
220
4
17.6
8
60
1.732
1.559
0.693
0.104
0.094
0.042
NBS D227M004 C
#@0 ^ +
D
220
4
17.6
8
100
1.342
1.207
0.537
0.134
0.121
0.054
NBS D337M004 L
#@0 ^ +
D
330
4
26.4
8
100
1.342
1.207
0.537
0.134
0.121
0.054
NBS E337M004 C
#@0 ^ +
E
330
4
26.4
8
100
1.407
1.266
0.563
0.141
0.127
0.056
NBS D477M004 L
#@0 ^ +
D
470
4
37.6
12
100
1.342
1.207
0.537
0.134
0.121
0.054
NBS E477M004 L
#@0 ^ +
E
470
4
37.6
12
75
1.625
1.462
0.650
0.122
0.110
0.049
NBS E477M004 C
#@0 ^ +
E
470
4
37.6
12
100
1.407
1.266
0.563
0.141
0.127
0.056
NBS V687M004 L
#@0 ^ +
V
680
4
54.4
14
75
2.000
1.800
0.800
0.150
0.135
0.060
6.3 Volt @ 85°C (4 Volt @ 105°C, 3 Volt @ 125ºC)
NBS A106M006 L
#@0 ^ +
A
10
6.3
1.2
6
1000
0.300
0.270
0.120
0.300
0.270
0.120
NBS A106M006 C
#@0 ^ +
A
10
6.3
1.2
6
2000
0.212
0.191
0.085
0.424
0.382
0.170
NBS B156M006 L
#@0 ^ +
B
15
6.3
1.8
6
600
0.412
0.371
0.165
0.247
0.223
0.099
NBS B226M006 L
#@0 ^ +
B
22
6.3
2.6
6
600
0.412
0.371
0.165
0.247
0.223
0.099
NBS B336M006 L
#@0 ^ +
B
33
6.3
4.0
6
600
0.412
0.371
0.165
0.247
0.223
0.099
NBS C336M006 L
#@0 ^ +
C
33
6.3
4.0
6
500
0.514
0.462
0.206
0.257
0.231
0.103
NBS C476M006 L
#@0 ^ +
C
47
6.3
5.7
6
300
0.663
0.597
0.265
0.199
0.179
0.080
NBS C686M006 L
#@0 ^ +
C
68
6.3
8.2
6
75
1.327
1.194
0.531
0.099
0.090
0.040
NBS C686M006 C
#@0 ^ +
C
68
6.3
8.2
6
200
0.812
0.731
0.325
0.162
0.146
0.065
NBS C107M006 L
#@0 ^ +
C
100
6.3
12.0
8
150
0.938
0.844
0.375
0.141
0.127
0.056
NBS D107M006 L
#@0 ^ +
D
100
6.3
12.0
6
80
1.500
1.350
0.600
0.120
0.108
0.048
NBS D107M006 C
#@0 ^ +
D
100
6.3
12.0
6
100
1.342
1.207
0.537
0.134
0.121
0.054
NBS D157M006 L
#@0 ^ +
D
150
6.3
18.0
6
70
1.604
1.443
0.641
0.112
0.101
0.045
NBS D157M006 C
#@0 ^ +
D
150
6.3
18.0
6
100
1.342
1.207
0.537
0.134
0.121
0.054
NBS D227M006 L
#@0 ^ +
D
220
6.3
26.4
8
60
1.732
1.559
0.693
0.104
0.094
0.042
NBS D227M006 C
#@0 ^ +
D
220
6.3
26.4
8
100
1.342
1.207
0.537
0.134
0.121
0.054
NBS E227M006 L
#@0 ^ +
E
220
6.3
26.4
12
80
1.573
1.416
0.629
0.126
0.113
0.050
NBS E227M006 L
#@0 ^ +
E
220
6.3
26.4
12
100
1.407
1.266
0.563
0.141
0.127
0.056
NBS E337M006 L
#@0 ^ +
E
330
6.3
39.6
12
80
1.573
1.416
0.629
0.126
0.113
0.050
NBS E337M006 L
#@0 ^ +
E
330
6.3
39.6
12
100
1.407
1.266
0.563
0.141
0.127
0.056
NBS V477M006 L
#@0 ^ +
V
470
6.3
56.4
12
75
2.000
1.800
0.800
0.150
0.135
0.060



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com