Electronic Components Datasheet Search
  English  ▼

X  

PIC16C717 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16C717
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C717 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16C717 Datasheet HTML 9Page - Microchip Technology PIC16C717 Datasheet HTML 10Page - Microchip Technology PIC16C717 Datasheet HTML 11Page - Microchip Technology PIC16C717 Datasheet HTML 12Page - Microchip Technology PIC16C717 Datasheet HTML 13Page - Microchip Technology PIC16C717 Datasheet HTML 14Page - Microchip Technology PIC16C717 Datasheet HTML 15Page - Microchip Technology PIC16C717 Datasheet HTML 16Page - Microchip Technology PIC16C717 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 224 page
background image
 1999-2013 Microchip Technology Inc.
DS41120C-page 13
PIC16C717/770/771
Bank 2
100h(3)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
23
101h
TMR0
Timer0 module’s register
xxxx xxxx
45
102h(3)
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
22
103h(3)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
14
104h(3)
FSR
Indirect data memory address pointer
xxxx xxxx
23
105h
—
Unimplemented
—
—
106h
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xx11
33
107h
—
Unimplemented
—
—
108h
—
Unimplemented
—
—
109h
—
Unimplemented
—
—
10Ah(1,3) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
22
10Bh(3)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
16
10Ch
PMDATL
Program memory read data low
xxxx xxxx
10Dh
PMADRL
Program memory read address low
xxxx xxxx
10Eh
PMDATH
—
—
Program memory read data high
--xx xxxx
10Fh
PMADRH
—
—
—
—
Program memory read address high
---- xxxx
110h-
11Fh
—
Unimplemented
—
—
Bank 3
180h(3)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
23
181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
15
182h(3)
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
22
183h(3)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
14
184h(3)
FSR
Indirect data memory address pointer
xxxx xxxx
23
185h
—
Unimplemented
—
—
186h
TRISB
PORTB Data Direction Register
1111 1111
33
187h
—
Unimplemented
—
—
188h
—
Unimplemented
—
—
189h
—
Unimplemented
—
—
18Ah(1,3) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
22
18Bh(3)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
16
18Ch
PMCON1
Reserved
—
—
—
—
—
—RD
1--- ---0
18Dh-
18Fh
—
Unimplemented
—
—
TABLE 2-1:
PIC16C717/770/771 SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Details
on
Page:
Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented read as '0'.
Shaded locations are unimplemented, read as ‘0’.
Note 1: The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose
contents are transferred to the upper byte of the program counter.
2: Other (non Power-up) Resets include external RESET through MCLR and Watchdog Timer Reset.
3: These registers can be addressed from any bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com