Electronic Components Datasheet Search
  English  ▼

X  

PIC16C770 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16C770
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C770 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16C770 Datasheet HTML 3Page - Microchip Technology PIC16C770 Datasheet HTML 4Page - Microchip Technology PIC16C770 Datasheet HTML 5Page - Microchip Technology PIC16C770 Datasheet HTML 6Page - Microchip Technology PIC16C770 Datasheet HTML 7Page - Microchip Technology PIC16C770 Datasheet HTML 8Page - Microchip Technology PIC16C770 Datasheet HTML 9Page - Microchip Technology PIC16C770 Datasheet HTML 10Page - Microchip Technology PIC16C770 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 224 page
background image
 1999-2013 Microchip Technology Inc.
DS41120C-page 7
PIC16C717/770/771
TABLE 1-1:
PIC16C717/770/771 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0
RA0
ST
CMOS
Bi-directional I/O
AN0
AN
A/D input
RA1/AN1/LVDIN
RA1
ST
CMOS
Bi-directional I/O
AN1
AN
A/D input
LVDIN
AN
LVD input reference
RA2/AN2/VREF-/VRL
RA2
ST
CMOS
Bi-directional I/O
AN2
AN
A/D input
VREF-
AN
Negative analog reference input
VRL
AN
Internal voltage reference low output
RA3/AN3/VREF+/VRH
RA3
ST
CMOS
Bi-directional I/O
AN3
AN
A/D input
VREF+
AN
Positive analog reference input
VRH
AN
Internal voltage reference high output
RA4/T0CKI
RA4
ST
OD
Bi-directional I/O
T0CKI
ST
TMR0 clock input
RA5/MCLR/VPP
RA5
ST
Input port
MCLR
ST
Master clear
VPP
Power
Programming voltage
RA6/OSC2/CLKOUT
RA6
ST
CMOS
Bi-directional I/O
OSC2
XTAL
Crystal/resonator
CLKOUT
CMOS
FOSC/4 output
RA7/OSC1/CLKIN
RA7
ST
CMOS
Bi-directional I/O
OSC1
XTAL
Crystal/resonator
CLKIN
ST
External clock input/ER resistor connection
RB0/AN4/INT
RB0
TTL
CMOS
Bi-directional I/O(1)
AN4
AN
A/D input
INT
ST
Interrupt input
RB1/AN5/SS
RB1
TTL
CMOS
Bi-directional I/O(1)
AN5
AN
A/D input
SS
ST
SSP slave select input
RB2/SCK/SCL
RB2
TTL
CMOS
Bi-directional I/O(1)
SCK
ST
CMOS
Serial clock I/O for SPI
SCL
ST
OD
Serial clock I/O for I2C
RB3/CCP1/P1A
RB3
TTL
CMOS
Bi-directional I/O(1)
CCP1
ST
CMOS
Capture 1 input/Compare 1 output
P1A
CMOS
PWM P1A output
RB4/SDI/SDA
RB4
TTL
CMOS
Bi-directional I/O(1)
SDI
ST
Serial data in for SPI
SDA
ST
OD
Serial data I/O for I2C
RB5/SDO/P1B
RB5
TTL
CMOS
Bi-directional I/O(1)
SDO
CMOS
Serial data out for SPI
P1B
CMOS
PWM P1B output
Note
1: Bit programmable pull-ups.
2: Only in PIC16C770/771 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com