Electronic Components Datasheet Search
  English  ▼

X  

PIC16C781 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 17Page - Microchip Technology PIC16C781 Datasheet HTML 18Page - Microchip Technology PIC16C781 Datasheet HTML 19Page - Microchip Technology PIC16C781 Datasheet HTML 20Page - Microchip Technology PIC16C781 Datasheet HTML 21Page - Microchip Technology PIC16C781 Datasheet HTML 22Page - Microchip Technology PIC16C781 Datasheet HTML 23Page - Microchip Technology PIC16C781 Datasheet HTML 24Page - Microchip Technology PIC16C781 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 188 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS41171B-page 21
PIC16C781/782
2.7
PIR1 Register
This register contains the individual flag bits for the
peripheral interrupts.
REGISTER 2-5:
PERIPHERAL INTERRUPT REGISTER (PIR1 0Ch)
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit, or the global
enable bit, GIE (INTCON<7>). User soft-
ware should ensure the appropriate inter-
rupt flag bits are clear prior to enabling an
interrupt.
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
R/W-0
LVDIF
ADIF
C2IF
C1IF
—
—
—TMR1IF
bit7
bit 0
bit 7
LVDIF: Low Voltage Detect Interrupt Flag bit
1
= The supply voltage has fallen below the specified LVD voltage (must be cleared in software)
0
= The supply voltage is greater than the specified LVD voltage
bit 6
ADIF: Analog-to-Digital Converter Interrupt Flag bit
1
= An ADC conversion completed (must be cleared in software)
0
= The ADC conversion is not complete
bit 5
C2IF: Comparator C2 Interrupt Flag bit
1
= Comparator C2 input has crossed the threshold (must be cleared in software)
0
= Comparator C2 input has not crossed the threshold
bit 4
C1IF: Comparator C1 Interrupt Flag bit
1
= Comparator C1 input has crossed the threshold (must be cleared in software)
0
= Comparator C1 input has not crossed the threshold
bit 3-1
Unimplemented: Read as ‘0’
bit 0
TMR1IF: TMR1 Overflow Interrupt Flag bit
1
= TMR1 register overflowed (must be cleared in software)
0
= TMR1 register did not overflow
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
PIC16C781.book Page 21 Tuesday, January 29, 2013 3:29 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com