Electronic Components Datasheet Search
  English  ▼

X  

VCAC Datasheet(PDF) 1 Page - AVX Corporation

Part # VCAC
Description  Controlled Capacitance Multilayer Varistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAC Datasheet(HTML) 1 Page - AVX Corporation

  VCAC Datasheet HTML 1Page - AVX Corporation VCAC Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24
Controlled Capacitance
Multilayer Varistor
V
W(DC)
DC Working Voltage [V]
I
L
Maximum leakage current at the working voltage [
µA]
V
W(AC)
AC Working Voltage [V]
E
T
Transient Energy Rating [J, 10x1000
µS]
V
B
Breakdown Votage [V @ 1mA
DC]IP
Peak Current Rating [A, 8x20
µS]
V
C
Clamping Votage [V @ 1A]
Cap
Capacitance [pF] @ 1KHz specified and 0.5V
RMS
GENERAL DESCRIPTION
The Controlled Capacitance TransGuard is an application specific bi-
directional transient voltage suppressor developed for use in mixed signal
environments. The Controlled Cap MLV has three purposes: 1) reduce
emissions from a high speed ASIC, 2) prevent induced E fields from
conducting into the IC, and 3) clamp transient voltages
By controlling capacitance of the MLV, the center frequency and 20db
range for filtering purposes can be targeted. A Controlled Cap MLV can
greatly improve overall system EMC performance and reduce system
size.
VCAC
Varistor Chip
Automotive
Capacitance
HOW TO ORDER
0603
Chip Size
0603
22
Working
Voltage
22 = 22V
26 = 26V
A
Energy
Rating
A = 0.1J
C = 0.3J
470
Capacitance
470 = 47pF
820 = 82pF
N
Tolerance
N = ±30%
M = ±20%
P
Termination
P = Ni Barrier/
100% Sn (matte)
R
Packaging
R = 4k pcs
AVX Part Number
VW (DC)
VW (AC)
VB
VC
IL
ET
IP
Cap
Cap
Case
Tolerance
Size
VCAC060322A470NRP
22
17
32.5±25%
50
10
0.1
30
47
30%
0603
VCAC060326C820MRP
26
20
36.0±15%
67
10
0.3
30
82
20%
0603
L
W
T
BL
0603 Discrete Dimensions
mm (inches)
LW
T
BW
BL
1.60±0.15
0.80±0.15
0.90 MAX
N/A
0.35±0.15
(0.063±0.006) (0.031±0.006)
(0.035 MAX)
(0.014±0.006)


Similar Part No. - VCAC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAC060322A470N AVX-VCAC060322A470N Datasheet
316Kb / 3P
Multilayer Varistors Sample Kit – Automotive Applications
VCAC060326C820M AVX-VCAC060326C820M Datasheet
316Kb / 3P
Multilayer Varistors Sample Kit – Automotive Applications
More results

Similar Description - VCAC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
Multilayer Varistor ESD Suppressor
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.30.12
logo
Vishay Siliconix
MLV0805E3 VISHAY-MLV0805E3 Datasheet
81Kb / 3P
SMD 0805 Multilayer Varistor
22-Apr-15
MLV1206E3 VISHAY-MLV1206E3 Datasheet
86Kb / 3P
SMD 1206 Multilayer Varistor
30-Apr-15
MLV1210E3 VISHAY-MLV1210E3 Datasheet
85Kb / 3P
SMD 1210 Multilayer Varistor
30-Apr-15
MLV1812E3 VISHAY-MLV1812E3 Datasheet
85Kb / 3P
SMD 1812 Multilayer Varistor
30-Apr-15
MLV2220E3 VISHAY-MLV2220E3 Datasheet
89Kb / 4P
SMD 2220 Multilayer Varistor
30-Apr-15
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
logo
Stackpole Electronics, ...
ZVX SEI-ZVX Datasheet
511Kb / 5P
Low Energy, Low Capacitance SMD Varistor
08/21/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com