Electronic Components Datasheet Search
  English  ▼

X  

VCH4 Datasheet(PDF) 1 Page - AVX Corporation

Part # VCH4
Description  AntennaGuard/SPV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit Sensitive to Capacitance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCH4 Datasheet(HTML) 1 Page - AVX Corporation

  VCH4 Datasheet HTML 1Page - AVX Corporation VCH4 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
54
GENERAL DESCRIPTION
AVX offers ultra-low capacitance ESD protection in the Sub
1pF range for use in circuits that are sensitive to capacitance.
The Sub pF Varistor (SPV) is available in 0.8pF and 0.4pF
capacitance values in a compact 0402 low profile package.
SPV devices provide excellent response time to ESD strikes
to protect sensitive circuits from over voltage conditions.
The development of new information processing technologies
call for ever increasing digital system speeds. Higher speeds
necessitate the use of ultra-low capacitance values in order to
minimize signal distortion.
HOW TO ORDER
VC
H4
AG
10
0R8
M
A
T
W
A
Varistor Chip Size Varistor Series
Working Capacitance Tolerance
N/A
Termination
Reel
Reel
Chip
Thin 0402
AntennaGuard
Voltage 0R8 = 0.8pF
M = ±20%
T = Ni/Sn Alloy
Size
Quantity
10 = 10V 0R4 = 0.47pF
W = 7"
A = 10k
15 = 15V
AntennaGuard/SPV
AVX Multilayer Ceramic Transient Voltage Suppressors
ESD Protection for any Circuit Sensitive to Capacitance
FEATURES
• High Reliability
• Capacitance <1pF
• Bi-Directional protection
• Fastest response time to ESD strikes
• Multi-strike capability
• Low insertion loss
• Low profile 0402 case size
APPLICATIONS
• Antennas
• Optics
• HDMI
• RF circuits
• FlexRay
• Portable devices
• Analog sensors
• Any circuit sensitive to capacitance
ANTENNAGUARD CATALOG PART NUMBERS/ELECTRICAL VALUES
AVX Part Number
VW (DC)
VB
IL
Cap
Cap Tolerance 3db Freq (MHz)
Case Size
VCH4AG100R8MA
≤10
125
<10 nA
0.8
±20%
5800
LP 0402
VCH4AG150R8MA
≤15
125
<10 nA
0.96 pF Max
Max
5800
LP 0402
VCH4AG150R4MA
≤15
135
<100 nA
0.47 pF Max
±20%
6700
LP 0402
V
W (DC)
DC Working Voltage (V)
V
B
Typical Breakdown Voltage (V @ 1mA
DC)
I
L
Typical leakage current at the working voltage
Cap
Typical capacitance (pF) @ frequency specified and 0.5V
RMS
Freq
Frequency at which capacitance is measured (M = 1MHz)


Similar Part No. - VCH4

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCH4AG100R8MA AVX-VCH4AG100R8MA Datasheet
241Kb / 2P
AntennaGuard/SPV
VCH4AG100R8MA AVX-VCH4AG100R8MA Datasheet
235Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG150R4MA AVX-VCH4AG150R4MA Datasheet
241Kb / 2P
AntennaGuard/SPV
VCH4AG150R4MA AVX-VCH4AG150R4MA Datasheet
235Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VCH4

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC020103V101WP AVX-VC020103V101WP Datasheet
82Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC0201 AVX-VC0201 Datasheet
161Kb / 2P
Miniature 0201 MLV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com