Electronic Components Datasheet Search
  English  ▼

X  

PIC16CE623 Datasheet(PDF) 88 Page - Microchip Technology

Part # PIC16CE623
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623 Datasheet(HTML) 88 Page - Microchip Technology

Back Button PIC16CE623 Datasheet HTML 84Page - Microchip Technology PIC16CE623 Datasheet HTML 85Page - Microchip Technology PIC16CE623 Datasheet HTML 86Page - Microchip Technology PIC16CE623 Datasheet HTML 87Page - Microchip Technology PIC16CE623 Datasheet HTML 88Page - Microchip Technology PIC16CE623 Datasheet HTML 89Page - Microchip Technology PIC16CE623 Datasheet HTML 90Page - Microchip Technology PIC16CE623 Datasheet HTML 91Page - Microchip Technology PIC16CE623 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 114 page
background image
PIC16CE62X
DS40182D-page 88
 1998-2013 Microchip Technology Inc.
13.3
DC CHARACTERISTICS:
PIC16CE62X-04 (Commercial, Industrial, Extended)
PIC16CE62X-20 (Commercial, Industrial, Extended)
PIC16LCE62X (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
–40°C
 TA  +85°C for industrial and
0°C
 TA  +70°C for commercial and
–40°C
 TA  +125°C for extended
Operating voltage VDD range as described in DC spec Table 13-1
Parm
No.
Sym
Characteristic
Min
Typ†
Max
Unit
Conditions
VIL
Input Low Voltage
I/O ports
D030
with TTL buffer
VSS
–0.8V
0.15VDD
VVDD = 4.5V to 5.5V, Otherwise
D031
with Schmitt Trigger input
VSS
0.2VDD
V
D032
MCLR, RA4/T0CKI,OSC1 (in RC
mode)
VSS
–0.2VDD
V
Note1
D033
OSC1 (in XT and HS)
OSC1 (in LP)
VSS
VSS
–
–
0.3VDD
0.6VDD - 1.0
V
V
VIH
Input High Voltage
I/O ports
D040
with TTL buffer
2.0V
.25VDD + 0.8V
–VDD
VDD
VVDD = 4.5V to 5.5V, Otherwise
D041
with Schmitt Trigger input
0.8VDD
VDD
D042
MCLR RA4/T0CKI
0.8VDD
–VDD
V
D043
D043A
OSC1 (XT, HS and LP)
OSC1 (in RC mode)
0.7VDD
0.9VDD
–VDD
V
Note1
D070
IPURB PORTB weak pull-up current
50
200
400
AVDD = 5.0V, VPIN = VSS
IIL
Input Leakage Current
(Notes 2, 3)
I/O ports (Except PORTA)
1.0
AVSS  VPIN  VDD, pin at hi-impedance
D060
PORTA
–
–
0.5
A Vss VPIN VDD, pin at hi-impedance
D061
RA4/T0CKI
–
–
1.0
A Vss VPIN VDD
D063
OSC1, MCLR
––
5.0
A Vss VPIN VDD, XT, HS and LP osc
configuration
VOL
Output Low Voltage
D080
I/O ports
–
–
0.6
V
IOL=8.5 mA, VDD=4.5V, -40
 to +85C
––
0.6
V
IOL=7.0 mA, VDD=4.5V, +125
C
D083
OSC2/CLKOUT (RC only)
–
–
0.6
V
IOL=1.6 mA, VDD=4.5V, -40
 to +85C
––
0.6
V
IOL=1.2 mA, VDD=4.5V, +125
C
VOH
Output High Voltage (Note 3)
D090
I/O ports (Except RA4)
VDD-0.7
–
–
V
IOH=-3.0 mA, VDD=4.5V, -40
 to +85C
VDD-0.7
–
–
V
IOH=-2.5 mA, VDD=4.5V, +125
C
D092
OSC2/CLKOUT (RC only)
VDD-0.7
–
–
V
IOH=-1.3 mA, VDD=4.5V, -40
 to +85C
VDD-0.7
–
–
V
IOH=-1.0 mA, VDD=4.5V, +125
C
*D150
VOD
Open-Drain High Voltage
8.5
V
RA4 pin
Capacitive Loading Specs on
Output Pins
D100
COSC
2
OSC2 pin
15
pF In XT, HS and LP modes when external
clock used to drive OSC1.
D101
Cio
All I/O pins/OSC2 (in RC mode)
50
pF
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. It is not recommended that the PIC16CE62X be
driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com