Electronic Components Datasheet Search
  English  ▼

X  

VR15 Datasheet(PDF) 1 Page - AVX Corporation

Part # VR15
Description  Radial Leaded High Temperature Automotive 150쨘C Rated Radial Leaded TransGuard짰
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VR15 Datasheet(HTML) 1 Page - AVX Corporation

  VR15 Datasheet HTML 1Page - AVX Corporation VR15 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22
Radial Leaded High Temperature Automotive
150ºC Rated Radial Leaded TransGuard
®
V
W(DC)
DC Working Voltage [V]
I
L
Maximum leakage current at the working voltage [
µA]
V
W(AC)
AC Working Voltage [V]
E
T
Transient Energy Rating [J, 10x1000
µS]
V
B
Breakdown Votage [V @ 1mA
DC]IP
Peak Current Rating [A, 8x20
µS]
V
C
Clamping Votage [V @ 1A]
Cap
Capacitance [pF] @ 1KHz specified and 0.5V
RMS
Jump Start Max V
GENERAL DESCRIPTION
AVX High Temperature Multi-Layer Varistors are designed for underhood
applications. Products have been tested, qualified, and specified to 150ºC. The
Radial Leaded TransGuard is built for durability in harsh environments. The MLV
advantage is EMI/RFI attenuation in the off state. This allows designers to combine
the circuit protection and EMI/RFI attenuation function into a single highly reliable
device.
VR15
AVX Style
HOW TO ORDER
PHYSICAL DIMENSIONS
TAPE & REEL PACKAGING OPTIONS
AT
Series
AT = 150ºC
Automotive
18
Voltage
18 = 18V
A
Energy
A = 0.1J
650
Clamping
Voltage
650 = 67V
R
Leads
R = RoHS
Compliant
TR2
Packaging
TR2 - T&R
Standard 2
AVX Part Number
VW (DC)
VW (AC)
VB
VC
ET
IP
IL
Jump
Cap
Start
VR15AT18A650R
18
13
41 ± 10%
67
0.1
30
10
29
90
FEATURES
• Rated at 150ºC
• AEC Q200 qualified
• ESD rated to 25kV (HBM ESD Level 6)
• EMI/RFI attenuation in off state
• Excellent current and energy handling
APPLICATIONS
• Under hood
• Down Hole Drilling
• Any high temperature application
mm (inches)
Width
Height
Thickness
Lead
Lead
Spacing
Diameter
4.32 Max.
3.81
2.54
2.54
0.508
(0.170)
(0.150)
(0.100)
(0.100)
(0.020)
.170
(4.32)
Max.
.150 (3.81)
Max.
.100 (2.54)±.030
1.0 (25.4)
Min.
.060 (1.52)
Max.
0.630 (16.0)
Min.
0.478 (19.0)
Min.
TR1
Tape & Reel Standard 1
TR2
Tape & Reel Standard 2


Similar Part No. - VR15

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VR15AT14A101RTR1 AVX-VR15AT14A101RTR1 Datasheet
145Kb / 2P
Radial Leaded High Temperature Automotive
VR15AT14A101RTR2 AVX-VR15AT14A101RTR2 Datasheet
145Kb / 2P
Radial Leaded High Temperature Automotive
VR15AT14A151RTR1 AVX-VR15AT14A151RTR1 Datasheet
145Kb / 2P
Radial Leaded High Temperature Automotive
VR15AT14A151RTR2 AVX-VR15AT14A151RTR2 Datasheet
145Kb / 2P
Radial Leaded High Temperature Automotive
VR15AT14A580RTR1 AVX-VR15AT14A580RTR1 Datasheet
145Kb / 2P
Radial Leaded High Temperature Automotive
More results

Similar Description - VR15

ManufacturerPart #DatasheetDescription
logo
HolyStone International
HXX HOLYSTONECAPS-HXX Datasheet
262Kb / 3P
High Temperature Radial Leaded Capacitors
logo
Littelfuse
60R010 LITTELFUSE-60R010_10 Datasheet
210Kb / 7P
Radial Leaded
logo
AVX Corporation
VR15AT18A650RTR2 AVX-VR15AT18A650RTR2 Datasheet
145Kb / 2P
Radial Leaded High Temperature Automotive
VR20AS18F390RTR2 AVX-VR20AS18F390RTR2 Datasheet
98Kb / 2P
Radial Leaded Automotive Varistors
logo
Vishay Siliconix
TJ3-HT VISHAY-TJ3-HT_12 Datasheet
149Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
TJ5-HT VISHAY-TJ5-HT_12 Datasheet
147Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
TJ3-HT VISHAY-TJ3-HT_17 Datasheet
149Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
TJ5-HT VISHAY-TJ5-HT_17 Datasheet
147Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
TJ3-HT VISHAY-TJ3-HT_V01 Datasheet
132Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
TJ5-HT VISHAY-TJ5-HT_V01 Datasheet
130Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com