Electronic Components Datasheet Search
  English  ▼

X  

PIC16F777 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC16F777
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F777 Datasheet(HTML) 5 Page - Microchip Technology

  PIC16F777 Datasheet HTML 1Page - Microchip Technology PIC16F777 Datasheet HTML 2Page - Microchip Technology PIC16F777 Datasheet HTML 3Page - Microchip Technology PIC16F777 Datasheet HTML 4Page - Microchip Technology PIC16F777 Datasheet HTML 5Page - Microchip Technology PIC16F777 Datasheet HTML 6Page - Microchip Technology PIC16F777 Datasheet HTML 7Page - Microchip Technology PIC16F777 Datasheet HTML 8Page - Microchip Technology PIC16F777 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 280 page
background image
 2003-2013 Microchip Technology Inc.
DS30498D-page 5
PIC16F7X7
1.0
DEVICE OVERVIEW
This document contains device specific information
about the following devices:
PIC16F737/767 devices are available only in 28-pin
packages, while PIC16F747/777 devices are available
in 40-pin and 44-pin packages. All devices in the
PIC16F7X7 family share common architecture with the
following differences:
• The PIC16F737 and PIC16F767 have one-half of
the total on-chip memory of the PIC16F747 and
PIC16F777.
• The 28-pin devices have 3 I/O ports, while the
40/44-pin devices have 5.
• The 28-pin devices have 16 interrupts, while the
40/44-pin devices have 17.
• The 28-pin devices have 11 A/D input channels,
while the 40/44-pin devices have 14.
• The Parallel Slave Port is implemented only on
the 40/44-pin devices.
• Low-Power modes: RC_RUN allows the core and
peripherals to be clocked from the INTRC, while
SEC_RUN allows the core and peripherals to be
clocked from the low-power Timer1. Refer to
Section 4.7 “Power-Managed Modes” for
further details.
• Internal RC oscillator with eight selectable
frequencies, including 31.25 kHz, 125 kHz,
250kHz, 500kHz, 1MHz, 2 MHz, 4 MHz and
8 MHz. The INTRC can be configured as a primary
or secondary clock source. Refer to Section 4.5
“Internal Oscillator Block” for further details.
• The Timer1 module current consumption has
been greatly reduced from 20
A (previous PIC16
devices) to 1.8
A typical (32 kHz at 2V), which is
ideal for real-time clock applications. Refer to
Section 7.0 “Timer1 Module” for further details.
• Extended Watchdog Timer (WDT) that can have a
programmable period from 1 ms to 268s. The WDT
has its own 16-bit prescaler. Refer to Section 15.17
“Watchdog Timer (WDT)” for further details.
• Two-Speed Start-up: When the oscillator is
configured for LP, XT or HS, this feature will clock
the device from the INTRC while the oscillator is
warming up. This, in turn, will enable almost
immediate code execution. Refer to
Section 15.17.3 “Two-Speed Clock Start-up
Mode” for further details.
• Fail-Safe Clock Monitor: This feature will allow the
device to continue operation if the primary or
secondary clock source fails by switching over to
the INTRC.
The available features are summarized in Table 1-1.
Block
diagrams
of
the
PIC16F737/767
and
PIC16F747/777 devices are provided in Figure 1-1 and
Figure 1-2, respectively. The pinouts for these device
families are listed in Table 1-2 and Table 1-3.
Additional information may be found in the “PIC® Mid-
Range MCU Family Reference Manual” (DS33023)
which may be obtained from your local Microchip Sales
Representative or downloaded from the Microchip web
site. The Reference Manual should be considered a
complementary document to this data sheet and is
highly recommended reading for a better understand-
ing of the device architecture and operation of the
peripheral modules.
TABLE 1-1:
PIC16F7X7 DEVICE FEATURES
• PIC16F737
• PIC16F767
• PIC16F747
• PIC16F777
Key Features
PIC16F737
PIC16F747
PIC16F767
PIC16F777
Operating Frequency
DC – 20 MHz
DC – 20 MHz
DC – 20 MHz
DC – 20 MHz
Resets (and Delays)
POR, BOR
(PWRT, OST)
POR, BOR
(PWRT, OST)
POR, BOR
(PWRT, OST)
POR, BOR
(PWRT, OST)
Flash Program Memory (14-bit words)
4K
4K
8K
8K
Data Memory (bytes)
368
368
368
368
Interrupts
16
17
16
17
I/O Ports
Ports A, B, C
Ports A, B, C, D, E
Ports A, B, C
Ports A, B, C, D, E
Timers
3
3
3
3
Capture/Compare/PWM Modules
3
3
3
3
Master Serial Communications
MSSP, AUSART
MSSP, AUSART
MSSP, AUSART
MSSP, AUSART
Parallel Communications
—
PSP
—
PSP
10-bit Analog-to-Digital Module
11 Input Channels
14 Input Channels
11 Input Channels
14 Input Channels
Instruction Set
35 Instructions
35 Instructions
35 Instructions
35 Instructions
Packaging
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
40-pin PDIP
44-pin QFN
44-pin TQFP
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
40-pin PDIP
44-pin QFN
44-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com