Electronic Components Datasheet Search
  English  ▼

X  

PIC16F87 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F87_13 Datasheet HTML 10Page - Microchip Technology PIC16F87_13 Datasheet HTML 11Page - Microchip Technology PIC16F87_13 Datasheet HTML 12Page - Microchip Technology PIC16F87_13 Datasheet HTML 13Page - Microchip Technology PIC16F87_13 Datasheet HTML 14Page - Microchip Technology PIC16F87_13 Datasheet HTML 15Page - Microchip Technology PIC16F87_13 Datasheet HTML 16Page - Microchip Technology PIC16F87_13 Datasheet HTML 17Page - Microchip Technology PIC16F87_13 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 230 page
background image
PIC16F87/88
DS30487D-page 14
 2002-2013 Microchip Technology Inc.
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral modules for controlling the
desired operation of the device. These registers are
implemented as static RAM. A list of these registers is
given in Table 2-1.
The Special Function Registers can be classified into
two sets: core (CPU) and peripheral. Those registers
associated with the core functions are described in
detail in this section. Those related to the operation of
the peripheral features are described in detail in the
peripheral feature section.
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Details
on
page
Bank 0
00h(2)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
26, 135
01h
TMR0
Timer0 Module Register
xxxx xxxx
69
02h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
03h(2)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
17
04h(2)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
135
05h
PORTA
PORTA Data Latch when written; PORTA pins when read (PIC16F87)
PORTA Data Latch when written; PORTA pins when read (PIC16F88)
xxxx 0000
xxx0 0000
52
06h
PORTB
PORTB Data Latch when written; PORTB pins when read (PIC16F87)
PORTB Data Latch when written; PORTB pins when read (PIC16F88)
xxxx xxxx
00xx xxxx
58
07h
—
Unimplemented
—
—
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah(1,2)
PCLATH
—
—
—
Write Buffer for the Upper 5 bits of the Program Counter
---0 0000
135
0Bh(2)
INTCON
GIE
PEIE
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
19, 69,
77
0Ch
PIR1
—ADIF(4)
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
-000 0000
21, 77
0Dh
PIR2
OSFIF
CMIF
—
EEIF
—
—
—
—
00-0 ----
23, 34
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
77, 83
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
77, 83
10h
T1CON
—
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
-000 0000
72, 83
11h
TMR2
Timer2 Module Register
0000 0000
80, 85
12h
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
80, 85
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
90, 95
14h
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
89, 95
15h
CCPR1L
Capture/Compare/PWM Register 1 (LSB)
xxxx xxxx
83, 85
16h
CCPR1H
Capture/Compare/PWM Register 1 (MSB)
xxxx xxxx
83, 85
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
81, 83
18h
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
98, 99
19h
TXREG
AUSART Transmit Data Register
0000 0000
103
1Ah
RCREG
AUSART Receive Data Register
0000 0000
105
1Bh
—
Unimplemented
—
—
1Ch
—
Unimplemented
—
—
1Dh
—
Unimplemented
—
—
1Eh
ADRESH(4)
A/D Result Register High Byte
xxxx xxxx
120
1Fh
ADCON0(4)
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—ADON
0000 00-0
114, 120
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for PC<12:8>, whose
contents are transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
RA5 is an input only; the state of the TRISA5 bit has no effect and will always read ‘1’.
4:
PIC16F88 device only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com