Electronic Components Datasheet Search
  English  ▼

X  

TSM60N03 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM60N03
Description  30V N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM60N03 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM60N03 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM60N03 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM60N03 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM60N03 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSM60N03
30V N-Channel Power MOSFET
1/4
Version: A12
TO-252
(DPAK)
PRODUCT SUMMARY
VDS (V)
RDS(on)(m
Ω)
ID (A)
30
4.5 @ VGS =10V
60
Features
●
Advanced Trench Technology
●
Low RDS(ON) 4.5mΩ (Max.)
●
Low gate charge typical @ 12nC (Typ.)
●
Low Crss typical @ 140pF (Typ.)
Block Diagram
N-Channel MOSFET
Ordering Information
Part No.
Package
Packing
TSM60N03CP ROG
TO-252
2.5Kpcs / 13” Reel
Note: “G” denote for Halogen Free Product
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TC=25°C
ID
60
A
TC=70°C
48
TA=25°C
19
TA=70°C
15
Drain Current-Pulsed Note 1
IDM
140
A
Avalanche Current, L=0.1mH
IAS, IAR
38
A
Avalanche Energy, L=0.1mH
EAS, EAR
72
mJ
Maximum Power Dissipation
TC=25°C
PD
41
W
TC=70°C
26
TA=25°C
2.5
TA=70°C
1.6
Storage Temperature Range
TSTG
-55 to +150
°C
Operating Junction Temperature Range
TJ
-55 to +150
°C
* Limited by maximum junction temperature
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
RӨJC
3
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
50
oC/W
Notes: Surface mounted on FR4 board t ≤ 10sec
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM60N03

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60N03 TSC-TSM60N03 Datasheet
303Kb / 4P
30V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM60N03CP VBSEMI-TSM60N03CP Datasheet
902Kb / 6P
N-Channel 20-V (D-S)175 C MOSFET
logo
Taiwan Semiconductor Co...
TSM60N03CPROG TSC-TSM60N03CPROG Datasheet
303Kb / 4P
30V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM60N03CPROG VBSEMI-TSM60N03CPROG Datasheet
1,003Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
30V N-Channel Power MOSFET
More results

Similar Description - TSM60N03

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
30V N-Channel Power MOSFET
AAT9460 ANALOGICTECH-AAT9460 Datasheet
145Kb / 6P
30V N-Channel Power MOSFET
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM35N03PQ56 TSC-TSM35N03PQ56 Datasheet
93Kb / 4P
30V N-Channel Power MOSFET
TSM40N03PQ33 TSC-TSM40N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
30V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com