Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 53Page - Microchip Technology PIC12F752 Datasheet HTML 54Page - Microchip Technology PIC12F752 Datasheet HTML 55Page - Microchip Technology PIC12F752 Datasheet HTML 56Page - Microchip Technology PIC12F752 Datasheet HTML 57Page - Microchip Technology PIC12F752 Datasheet HTML 58Page - Microchip Technology PIC12F752 Datasheet HTML 59Page - Microchip Technology PIC12F752 Datasheet HTML 60Page - Microchip Technology PIC12F752 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 238 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS40001709A-page 57
PIC16F753/HV753
TABLE 5-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ADCON0
ADFM
—
CHS<3:0>
GO/DONE
ADON
118
ADCON1
—
ADCS<2:0>
—
—
—
ADPREF1
119
ANSELC
—
—
—
—
ANSC3
ANSC2
ANSC1
ANSC0
48
APFCON
—
—
—T1GSEL
—
—
—
—
44
CM1CON0
C1ON
C1OUT
C1OE
C1POL
C1ZLF
C1SP
C1HYS
C1SYNC
139
CM2CON0
C2ON
C2OUT
C2OE
C2POL
C2ZLF
C2SP
C2HYS
C2SYNC
139
CM1CON1
C1INTP
C1INTN
C1PCH<2:0>
C1NCH<2:0>
140
CM2CON1
C2NTP
C2INTN
C2PCH<2:0>
C2NCH<2:0>
140
DAC1CON0
DACEN
DACFM
DACOE
—
DACPSS1 DACPSS0
—
—
130
IOCCF
—
—
IOCCF5
IOCCF4
IOCCF3
IOCCF2
IOCCF1
IOCCF0
49
IOCCN
—
—
IOCCN5
IOCCN4
IOCCN3
IOCCN2
IOCCN1
IOCCN0
49
IOCCP
—
—
IOCCP5
IOCCP4
IOCCP3
IOCCP2
IOCCP1
IOCCP0
49
LATC
—
—LATC5
LATC4
—
LATC2
LATC1
LATC0
46
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS<2:0>
18
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
46
SLRCONC
—
—
SLRC5
SLRC4
—
—
—
—
54
TRISC
—
—
TRISC5
TRISC4
TRISC3(1)
TRISC2
TRISC1
TRISC0
46
Legend:
x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.
Note 1:
TRISC3 always reads ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com