Electronic Components Datasheet Search
  English  ▼

X  

PIC17C752 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 87Page - Microchip Technology PIC17C752 Datasheet HTML 88Page - Microchip Technology PIC17C752 Datasheet HTML 89Page - Microchip Technology PIC17C752 Datasheet HTML 90Page - Microchip Technology PIC17C752 Datasheet HTML 91Page - Microchip Technology PIC17C752 Datasheet HTML 92Page - Microchip Technology PIC17C752 Datasheet HTML 93Page - Microchip Technology PIC17C752 Datasheet HTML 94Page - Microchip Technology PIC17C752 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 306 page
background image
 1998-2013 Microchip Technology Inc.
DS30289C-page 91
PIC17C7XX
10.9
PORTJ and DDRJ Registers
(PIC17C76X only)
PORTJ is an 8-bit wide, bi-directional port. The corre-
sponding data direction register is DDRJ. A '1' in DDRJ
configures the corresponding port pin as an input. A '0'
in the DDRJ register configures the corresponding port
pin as an output. Reading PORTJ reads the status of
the pins, whereas writing to PORTJ will write to the
respective port latch.
PORTJ is a general purpose I/O port.
EXAMPLE 10-9:
INITIALIZING PORTJ
FIGURE 10-19:
PORTJ BLOCK DIAGRAM
MOVLB
8
; Select Bank 8
CLRF
PORTJ, F
; Initialize PORTJ data
; latches before setting
; the data direction
; register
MOVLW
0xCF
; Value used to initialize
; data direction
MOVWF
DDRJ
; Set RJ<3:0> as inputs
; RJ<5:4> as outputs
; RJ<7:6> as inputs
Note: I/O pins have protection diodes to VDD and VSS.
D
CK
Q
D
CK
Q
Data Bus
RD_PORTJ
WR_PORTJ
RD_DDRJ
WR_DDRJ
EN
Q
D
EN
P
N
Q
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com