Electronic Components Datasheet Search
  English  ▼

X  

MPSH24 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPSH24
Description  VHF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSH24 Datasheet(HTML) 3 Page - Motorola, Inc

  MPSH24 Datasheet HTML 1Page - Motorola, Inc MPSH24 Datasheet HTML 2Page - Motorola, Inc MPSH24 Datasheet HTML 3Page - Motorola, Inc MPSH24 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSH24
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 7. VHF Mixer Test Circuit
(fif = 44 MHz, B.W. = 6.0 MHz)
10
dB
10
dB
10
dB
fsig
fosc
INPUT
C1
C2
L1
C3
–VEE
470 pF
470 pF
C4
L2
L3
C5
470 pF
470 pF
5.6
mH
5.6
mH
+20 V
RL = 50 W
0.002
mF
60 MHz
TRAP
10 k
fsig
60 MHz
105 MHz
1.5–20 pF
8.0–60 pF
8.0–60 pF
3.0–35 pF
1.5–20 pF
5 Turns #26
Air, Tap 1 Turn
10 Turns #26
Air
fosc
Ohmite Z235
213 MHz
258 MHz
1.5–20 pF
6.0–12 pF
1.5–20 pF
—
—
3 Turns #16
Air, Tap 1/2 Turn
10 Turns #26
Arnold A1–10
Core
—
C1
C2
C3
C4
C5
L1
L2
L3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com