Electronic Components Datasheet Search
  English  ▼

X  

FV16KM202 Datasheet(PDF) 1 Page - Microchip Technology

Part # FV16KM202
Description  General Purpose, 16-Bit Flash Microcontroller with XLP Technology Data Sheet
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FV16KM202 Datasheet(HTML) 1 Page - Microchip Technology

  FV16KM202 Datasheet HTML 1Page - Microchip Technology FV16KM202 Datasheet HTML 2Page - Microchip Technology FV16KM202 Datasheet HTML 3Page - Microchip Technology FV16KM202 Datasheet HTML 4Page - Microchip Technology FV16KM202 Datasheet HTML 5Page - Microchip Technology FV16KM202 Datasheet HTML 6Page - Microchip Technology FV16KM202 Datasheet HTML 7Page - Microchip Technology FV16KM202 Datasheet HTML 8Page - Microchip Technology FV16KM202 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 336 page
background image
 2013 Microchip Technology Inc.
Advance Information
DS33030A-page 1
PIC24FV16KM204 FAMILY
Analog Peripheral Features
• Up to Two 8-Bit Digital-to-Analog Converters
(DAC):
- Soft Reset disable function allows DAC to
retain its output value through non-VDD
Resets
- Support for Idle mode
- Support for left and right-justified input data
• Two Operational Amplifiers (Op Amps):
- Differential inputs
- Selectable power/speed levels:
- Low power/low speed
- High power/high speed
• Up to 22-Channel, 10/12-Bit Analog-to-Digital
Converter:
- 100k samples/second at 12-bit conversion
rate (single Sample-and-Hold)
- Auto-scan with Threshold Detect
- Can operate during Sleep
- Dedicated band gap reference and
temperature sensor input
• Up to Three Rail-to-Rail Analog Comparators:
- Programmable reference voltage for
comparators
- Band gap reference input
- Flexible input multiplexing
- Low-power or high-speed selection options
• Charge Time Measurement Unit (CTMU):
- Capacitive measurement, up to 22 channels
- Time measurement down to 200 ps
resolution
- Up to 16 external Trigger pairs
• Internal Temperature Sensor with Dedicated A/D
Converter Input
Multiple/Single Capture Compare
Peripheral (MCCP/SCCP) Features
• 16 or 32-Bit Time Base
• 16 or 32-Bit Capture
- 4-Deep Capture Buffer
• 16 or 32-Bit Compare:
- Single Edge Compare modes
- Dual Edge Compare/PWM modes
- Center-Aligned Compare mode
- Variable Frequency Pulse mode
• Fully Asynchronous Operation, Available in
Sleep modes
• Single Output Steerable mode (MCCP only)
• Brush DC Forward and Reverse modes
(MCCP only)
• Half-Bridge with Dead-Time Delay (MCCP only)
• Push-Pull PWM mode (MCCP only)
• Auto-Shutdown with Programmable Source and
Shutdown State
• Programmable Output Polarity
General Purpose, 16-Bit Flash Microcontroller
with XLP Technology Data Sheet


Similar Part No. - FV16KM202

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FV100D-101 FUJITSU-FV100D-101 Datasheet
853Kb / 68P
8-bit Proprietary Microcontrollers
FV100D-103 FUJITSU-FV100D-103 Datasheet
1Mb / 80P
8-bit Microcontrollers
logo
Semtech Corporation
FV1043 SEMTECH-FV1043 Datasheet
98Kb / 2P
TUNER AFC DIODE
logo
SEMTECH ELECTRONICS LTD...
FV1043 SEMTECH_ELEC-FV1043 Datasheet
119Kb / 2P
TUNER AFC DIODE
logo
Hylec-APL Ltd. All righ...
FV110 HYLEC-FV110 Datasheet
82Kb / 1P
3 Pole screw to tab terminal block
More results

Similar Description - FV16KM202

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
3Mb / 254P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24F04KA201 MICROCHIP-PIC24F04KA201 Datasheet
3Mb / 224P
14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304 Datasheet
2Mb / 322P
20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC24F16KA102 MICROCHIP-PIC24F16KA102_11 Datasheet
2Mb / 278P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
PIC24F16KL402 MICROCHIP-PIC24F16KL402 Datasheet
3Mb / 260P
Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2011
41594B MICROCHIP-41594B Datasheet
3Mb / 372P
8-Bit Flash Microcontroller with nanoWatt XLP Technology
2011-2012
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_13 Datasheet
4Mb / 364P
20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC24FV32KA304-I MICROCHIP-PIC24FV32KA304-I Datasheet
2Mb / 320P
20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
PIC24F08KA102-I MICROCHIP-PIC24F08KA102-I Datasheet
2Mb / 278P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
08/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com