Electronic Components Datasheet Search
  English  ▼

X  

FV16KM104 Datasheet(PDF) 2 Page - Microchip Technology

Part # FV16KM104
Description  General Purpose, 16-Bit Flash Microcontroller with XLP Technology Data Sheet
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FV16KM104 Datasheet(HTML) 2 Page - Microchip Technology

  FV16KM104 Datasheet HTML 1Page - Microchip Technology FV16KM104 Datasheet HTML 2Page - Microchip Technology FV16KM104 Datasheet HTML 3Page - Microchip Technology FV16KM104 Datasheet HTML 4Page - Microchip Technology FV16KM104 Datasheet HTML 5Page - Microchip Technology FV16KM104 Datasheet HTML 6Page - Microchip Technology FV16KM104 Datasheet HTML 7Page - Microchip Technology FV16KM104 Datasheet HTML 8Page - Microchip Technology FV16KM104 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 336 page
background image
PIC24FV16KM204 FAMILY
DS33030A-page 2
Advance Information
 2013 Microchip Technology Inc.
Device
Memory
Peripherals
5V Devices
FV16KM204
44
16K
2K
512
2.0-5.5
1
3/2
2
2
22
2
2
3
Yes
Yes
2
3
FV16KM202
28
16K
2K
512
2.0-5.5
1
3/2
2
2
19
2
2
3
Yes
Yes
2
3
FV08KM204
44
8K
2K
512
2.0-5.5
1
3/2
2
2
22
2
2
3
Yes
Yes
2
3
FV08KM202
28
8K
2K
512
2.0-5.5
1
3/2
2
2
19
2
2
3
Yes
Yes
2
3
FV16KM104
44
16K
1K
512
2.0-5.5
1
1/1
1
1
22
—
—
1
Yes
—
1
3
FV16KM102
28
16K
1K
512
2.0-5.5
1
1/1
1
1
19
—
—
1
Yes
—
1
3
FV08KM102
28
8K
1K
512
2.0-5.5
1
1/1
1
1
19
—
—
1
Yes
—
1
3
FV08KM101
20
8K
1K
512
2.0-5.5
1
1/1
1
1
16
—
—
1
Yes
—
1
3
3V Devices
F16KM204
44
16K
2K
512
1.8-3.6
1
3/2
2
2
22
2
2
3
Yes
Yes
2
3
F16KM202
28
16K
2K
512
1.8-3.6
1
3/2
2
2
19
2
2
3
Yes
Yes
2
3
F08KM204
44
8K
2K
512
1.8-3.6
1
3/2
2
2
22
2
2
3
Yes
Yes
2
3
F08KM202
28
8K
2K
512
1.8-3.6
1
3/2
2
2
19
2
2
3
Yes
Yes
2
3
F16KM104
44
16K
1K
512
1.8-3.6
1
1/1
1
1
22
—
—
1
Yes
—
1
3
F16KM102
28
16K
1K
512
1.8-3.6
1
1/1
1
1
19
—
—
1
Yes
—
1
3
F08KM102
28
8K
1K
512
1.8-3.6
1
1/1
1
1
19
—
—
1
Yes
—
1
3
F08KM101
20
8K
1K
512
1.8-3.6
1
1/1
1
1
16
—
—
1
Yes
—
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com