Electronic Components Datasheet Search
  English  ▼

X  

39D906F400JS6 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 39D906F400JS6
Description  Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

39D906F400JS6 Datasheet(HTML) 1 Page - Vishay Siliconix

  39D906F400JS6 Datasheet HTML 1Page - Vishay Siliconix 39D906F400JS6 Datasheet HTML 2Page - Vishay Siliconix 39D906F400JS6 Datasheet HTML 3Page - Vishay Siliconix 39D906F400JS6 Datasheet HTML 4Page - Vishay Siliconix 39D906F400JS6 Datasheet HTML 5Page - Vishay Siliconix 39D906F400JS6 Datasheet HTML 6Page - Vishay Siliconix 39D906F400JS6 Datasheet HTML 7Page - Vishay Siliconix 39D906F400JS6 Datasheet HTML 8Page - Vishay Siliconix 39D906F400JS6 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42036
218
Revision: 17-Nov-06
39D
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Powerlytic® Electrolytics
FEATURES
• Designed for applications requiring greatest
possible capacitance in small physical case sizes
• Supplement original Type 36D can-type capacitors,
offering lower capacitance values in smaller sizes with
axial leads
• Welds at all critical anode and cathode terminals eliminate
riveted or pressure connections to assure freedom from
open circuits even when operated in the microvolt or
millivolt signal range
• Improved molded phenolic and seals
• Pressure-sensitive safety vent
• Service life of 10 years or more in normal circuit
applications
• Capacitors listed have outer plastic-film insulation. For
bare case, change last character of part number from 6 to
0 and subtract 0.062" [1.575 mm] from diameter and
0.125" [3.175 mm] from length.
DIMENSIONS AND AVAILABLE FORMS
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Operating temperature
- 20 °C to + 85 °C
Tolerance on CR:
3 WVDC to 75 WVDC
100 WVDC to 450 WVDC
+ 75 %, - 10 %
+ 50 %, - 10 %
Dissipation Factor:
3 WVDC and 6 WVDC
230 %
10 WVDC and 15 WVDC
150 %
25 WVDC and 30 WVDC
60 %
40 WVDC and 50 WVDC
45 %
75 WVDC and 100 WVDC
30 %
150 WVDC to 450 WVDC
18 %
Ripple Current
20 to 3140 maximum
amperes rms at 120 Hz and
+ 120 °C, depending upon
capacitance
Useful life at 85 °C
500 hours
Fig.1 Component Outlines
DIMENSIONS in inches [millimeters]
CASE
CODE
DL
CASE
CODE
DL
CASE
CODE
DL
± 0.020 [0.51]
± 0.062 [1.58]
± 0.020 [0.51]
± 0.062 [1.58]
± 0.020 [0.51]
± 0.062 [1.58]
EE
0.510 [13.0]
1.141 [29.0]
GJ
0.760 [19.3]
1.641 [41.7]
JE
1.010 [25.7]
1.141 [29.0]
EJ
0.510 [13.0]
1.641 [41.7]
GL
0.760 [19.3]
2.141 [54.4]
JJ
1.010 [25.7]
1.641 [41.7]
EL
0.510 [13.0]
2.141 [54.4]
GP
0.760 [19.3]
2.641 [67.1]
JL
1.010 [25.7]
2.141 [54.4]
FE
0.635 [16.1]
1.141 [29.0]
HE
0.885 [22.5]
1.141 [29.0]
JP
1.010 [25.7]
2.641 [67.1]
FJ
0.635 [16.1]
1.641 [41.7]
HJ
0.885 [22.5]
1.641 [41.7]
JS
1.010 [25.7]
3.141 [79.8]
FL
0.635 [16.1]
2.141 [54.4]
HL
0.885 [22.5]
2.141 [54.4]
JT
1.010 [25.7]
3.641 [92.5]
FP
0.635 [16.1]
2.641 [67.1]
HP
0.885 [22.5]
2.641 [67.1]
-
-
-
GE
0.760 [19.3]
1.141 [29.0]
HS
0.885 [22.5]
3.141 [79.8]
-
-
-
L
PVC Sleeve
2.50
[63.50]
MIN.
D
C
L
Diameter (No. 18 AWG)
0.040
1.016
TINNED COPPER LEADS
2.50
[63.50]
MIN.


Similar Part No. - 39D906F400JS6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
39D VISHAY-39D Datasheet
88Kb / 8P
Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
20-Mar-13
logo
Elma Electronic Ltd
39D01BUX14Y3HCAX ELMA-39D01BUX14Y3HCAX Datasheet
963Kb / 3P
D-Frame OpenVPX Development Chassis
More results

Similar Description - 39D906F400JS6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
630D VISHAY-630D Datasheet
87Kb / 1P
Aluminum Capacitors Electrolytics
17-Feb-03
36D VISHAY-36D Datasheet
173Kb / 6P
Aluminum Capacitors Powerlytic®, Large Can
27-Aug-08
39D VISHAY-39D Datasheet
88Kb / 8P
Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
20-Mar-13
TE VISHAY-TE_12 Datasheet
76Kb / 5P
Aluminum Capacitors Little-Lytic Electrolytics
28-Aug-12
36DX931F450CC2A VISHAY-36DX931F450CC2A Datasheet
91Kb / 6P
Aluminum Capacitors Powerlytic®, Large Can
18-Mar-13
TE1207 VISHAY-TE1207 Datasheet
76Kb / 5P
Aluminum Capacitors Little-Lytic Electrolytics
28-Aug-12
TE VISHAY-TE Datasheet
76Kb / 5P
Aluminum Capacitors Little-Lytic Electrolytics
28-Aug-12
TE1305 VISHAY-TE1305 Datasheet
77Kb / 5P
Aluminum Capacitors Little-Lytic Electrolytics
06-Dec-13
TE1211 VISHAY-TE1211 Datasheet
77Kb / 5P
Aluminum Capacitors Little-Lytic Electrolytics
06-Dec-13
TE1160 VISHAY-TE1160 Datasheet
77Kb / 5P
Aluminum Capacitors Little-Lytic Electrolytics
06-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com