Electronic Components Datasheet Search
  English  ▼

X  

TC1410 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1410
Description  0.5A High-Speed MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1410 Datasheet(HTML) 3 Page - Microchip Technology

  TC1410_13 Datasheet HTML 1Page - Microchip Technology TC1410_13 Datasheet HTML 2Page - Microchip Technology TC1410_13 Datasheet HTML 3Page - Microchip Technology TC1410_13 Datasheet HTML 4Page - Microchip Technology TC1410_13 Datasheet HTML 5Page - Microchip Technology TC1410_13 Datasheet HTML 6Page - Microchip Technology TC1410_13 Datasheet HTML 7Page - Microchip Technology TC1410_13 Datasheet HTML 8Page - Microchip Technology TC1410_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2001-2013 Microchip Technology Inc.
DS20001389E-page 3
TC1410/TC1410N
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage ..................................................... +20V
Input Voltage ...................... VDD + 0.3V to GND – 5.0V
Power Dissipation (TA ≤ 70°C)
MSOP .......................................................... 340 mW
PDIP ............................................................ 730 mW
SOIC............................................................ 470 mW
Storage Temperature Range .............. -65°C to +150°C
Maximum Junction Temperature ...................... +150°C
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over the operating temperature range with 4.5V
≤ VDD ≤ 16V.
Typical values are measured at TA =+25°C, VDD = 16V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.0
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-1
—
1
µA
0V
≤ VIN ≤ VDD, TA =+25°C
-10
—
10
-40°C
≤ TA ≤ +85°C
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
DC Test
Low Output Voltage
VOL
—
—
0.025
V
DC Test
Output Resistance
RO
—16
22
Ω
VDD =16V, IO =10mA,
TA =+25°C
—20
28
0°C
≤ TA ≤ +70°C
—
20
28
-40°C
≤ TA ≤ +85°C
Peak Output Current
IPK
—0.5
—
A
VDD =16V
Latch-Up Protection
Withstand Reverse Current
IREV
—
0.5
—
A
Duty cycle
≤ 2%, t ≤ 300 µs,
VDD =16V
Switching Time (Note 1)
Rise Time
tR
—25
35
ns
TA =+25°C
—27
40
0°C
≤ TA ≤ +70°C
—
29
40
-40°C
≤ TA ≤ +85°C, Figure 4-1
Fall Time
tF
—25
35
ns
TA =+25°C
—27
40
0°C
≤ TA ≤ +70°C
—
29
40
-40°C
≤ TA ≤ +85°C, Figure 4-1
Delay Time
tD1
—30
40
ns
TA =+25°C
—33
45
0°C
≤ TA ≤ +70°C
—
35
45
-40°C
≤ TA ≤ +85°C, Figure 4-1
Delay Time
tD2
—30
40
ns
TA =+25°C
—33
45
0°C
≤ TA ≤ +70°C
—
35
45
-40°C
≤ TA ≤ +85°C, Figure 4-1
Note 1:
Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com