Electronic Components Datasheet Search
  English  ▼

X  

TC1411N Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1411N
Description  1A High-Speed MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1411N Datasheet(HTML) 1 Page - Microchip Technology

  TC1411N Datasheet HTML 1Page - Microchip Technology TC1411N Datasheet HTML 2Page - Microchip Technology TC1411N Datasheet HTML 3Page - Microchip Technology TC1411N Datasheet HTML 4Page - Microchip Technology TC1411N Datasheet HTML 5Page - Microchip Technology TC1411N Datasheet HTML 6Page - Microchip Technology TC1411N Datasheet HTML 7Page - Microchip Technology TC1411N Datasheet HTML 8Page - Microchip Technology TC1411N Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2001-2013 Microchip Technology Inc.
DS20001390E-page 1
TC1411/TC1411N
Features
• Latch-Up Protected: Withstands 500 mA Reverse
Current
• Input Withstands Negative Inputs Up to 5V
• Electrostatic Discharge (ESD) Protected: 2.0 kV
(HBM) and 400V (MM)
• High Peak Output Current: 1A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 16V
• High Capacitive Load Drive Capability:
- 1000 pF in 25 ns
• Short Delay Time: 30 ns typical
• Matched Delay Times
• Low Supply Current
- With Logic ‘1’ Input: 500 µA
- With Logic ‘0’ Input: 100 µA
• Low Output Impedance: 8
Ω
• Available in Space-Saving 8-pin MSOP Package
• Pinout – same as TC1410/TC1412/TC1413
Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
• Relay Driver
General Description
The TC1411/TC1411N are 1A CMOS buffers/drivers.
They do not latch up under any conditions within their
power and voltage ratings. They are not subject to
damage when up to 5V of noise spiking of either
polarity occurs on the ground pin. They can accept,
without damage or logic upset, up to 500 mA of current
of either polarity being forced back into their output. All
terminals are fully protected against Electrostatic
Discharge (ESD) up to 2.0 kV (HBM) and 400V (MM).
As MOSFET drivers, the TC1411/TC1411N can easily
charge a 1000 pF gate capacitance in 25 ns with
matched rise and fall times. To ensure that the
MOSFET’s intended state is not affected even by large
transients, low enough impedance in both the ‘ON’ and
‘OFF’ states are provided. The leading and trailing
edge propagation delay times are also matched to
allow driving short-duration inputs with greater
accuracy.
Package Types
VDD
IN
NC
GND
VDD
OUT
GND
OUT
1
2
3
4
5
6
7
8
8-Pin MSOP/PDIP/SOIC
VDD
OUT
GND
VDD
IN
NC
GND
OUT
TC1411
NC = No Internal Connection
2
6,7
Inverting
2
6,7
Non-Inverting
1
2
3
45
6
7
8
TC1411N
Note:
For proper operation, duplicate pins
must be connected together.
1A High-Speed MOSFET Drivers


Similar Part No. - TC1411N

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1411N TELCOM-TC1411N Datasheet
66Kb / 5P
1A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1411N MICROCHIP-TC1411N Datasheet
436Kb / 14P
1A High-Speed MOSFET Drivers
2002
TC1411N MICROCHIP-TC1411N Datasheet
762Kb / 18P
1A High-Speed MOSFET Drivers
2006
TC1411N MICROCHIP-TC1411N Datasheet
714Kb / 18P
1A High-Speed MOSFET Drivers
08/29/06
logo
TelCom Semiconductor, I...
TC1411NCOA TELCOM-TC1411NCOA Datasheet
66Kb / 5P
1A HIGH-SPEED MOSFET DRIVERS
More results

Similar Description - TC1411N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
TelCom Semiconductor, I...
TC1411 TELCOM-TC1411 Datasheet
66Kb / 5P
1A HIGH-SPEED MOSFET DRIVERS
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
2A HIGH-SPEED MOSFET DRIVERS
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Calogic, LLC
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
High Speed MOSFET Drivers
logo
Microchip Technology
TC1411 MICROCHIP-TC1411 Datasheet
436Kb / 14P
1A High-Speed MOSFET Drivers
2002
TC1411 MICROCHIP-TC1411_06 Datasheet
762Kb / 18P
1A High-Speed MOSFET Drivers
2006
TC1411NEOA713 MICROCHIP-TC1411NEOA713 Datasheet
714Kb / 18P
1A High-Speed MOSFET Drivers
08/29/06
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com