Electronic Components Datasheet Search
  English  ▼

X  

TC4426A Datasheet(PDF) 8 Page - Microchip Technology

Part # TC4426A
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426A Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC4426A Datasheet HTML 4Page - Microchip Technology TC4426A Datasheet HTML 5Page - Microchip Technology TC4426A Datasheet HTML 6Page - Microchip Technology TC4426A Datasheet HTML 7Page - Microchip Technology TC4426A Datasheet HTML 8Page - Microchip Technology TC4426A Datasheet HTML 9Page - Microchip Technology TC4426A Datasheet HTML 10Page - Microchip Technology TC4426A Datasheet HTML 11Page - Microchip Technology TC4426A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TC4426A/TC4427A/TC4428A
DS21423G-page 8
 2002-2012 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Inputs A and B
MOSFET driver inputs A and B are high-impedance,
TTL/CMOS compatible inputs. These inputs also have
300 mV of hysteresis between the high and low
thresholds that prevents output glitching, even when
the rise and fall time of the input signal is very slow.
3.2
Ground (GND)
The ground pin is the return path for both the bias
current and the high peak current that discharges the
external load capacitance. The ground pin should be
tied into a ground plane or have a very short trace to the
bias supply source return.
3.3
Output A and B
MOSFET driver outputs A and B are low-impedance,
CMOS push-pull style outputs. The pull-down and pull-
up devices are of equal strength, making the rise and
fall times equivalent.
3.4
Supply Input (VDD)
The VDD input is the bias supply for the MOSFET driver
and is rated for 4.5V to 18V, with respect to the ground
pin. The VDD input should be bypassed with local
ceramic capacitors. The value of these capacitors
should be chosen based on the capacitive load that is
being driven.
3.5
Exposed Metal Pad
The exposed metal pad of the 6x5 DFN package is not
internally connected to any potential. Therefore, this
pad can be connected to a ground plane or other
copper plane on a printed circuit board, to aid in heat
removal from the package.
8-Pin PDIP/
MSOP/SOIC
8-Pin
DFN
Symbol
Description
1
1
NC
No connection
2
2
IN A
Input A
33
GND
Ground
4
4
IN B
Input B
55
OUT B
Output B
66
VDD
Supply input
77
OUT A
Output A
8
8
NC
No connection
—
PAD
NC
Exposed Metal Pad
Note 1:
Duplicate pins must be connected for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com