Electronic Components Datasheet Search
  English  ▼

X  

TC7116A Datasheet(PDF) 20 Page - Microchip Technology

Part # TC7116A
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116A Datasheet(HTML) 20 Page - Microchip Technology

Back Button TC7116A Datasheet HTML 16Page - Microchip Technology TC7116A Datasheet HTML 17Page - Microchip Technology TC7116A Datasheet HTML 18Page - Microchip Technology TC7116A Datasheet HTML 19Page - Microchip Technology TC7116A Datasheet HTML 20Page - Microchip Technology TC7116A Datasheet HTML 21Page - Microchip Technology TC7116A Datasheet HTML 22Page - Microchip Technology TC7116A Datasheet HTML 23Page - Microchip Technology TC7116A Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
TC7116/A/TC7117/A
DS21457D-page 20
 2002-2012 Microchip Technology Inc.
7.3
Package Dimensions
Dimensions: inches (mm)
2.065 (52.45)
2.027 (51.49)
.200 (5.08)
.140 (3.56)
.150 (3.81)
.115 (2.92)
.070 (1.78)
.045 (1.14)
.022 (0.56)
.015 (0.38)
.110 (2.79)
.090 (2.29)
.555 (14.10)
.530 (13.46)
.610 (15.49)
.590 (14.99)
.015 (0.38)
.008 (0.20)
.700 (17.78)
.610 (15.50)
.040 (1.02)
.020 (0.51)
40-Pin PDIP (Wide)
Pin 1
3° Min.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging
Dimensions: inches (mm)
.015 (0.38)
.008 (0.20)
.620 (15.75)
.590 (15.00)
.700 (17.78)
.620 (15.75)
.540 (13.72)
.510 (12.95)
2.070 (52.58)
2.030 (51.56)
.210 (5.33)
.170 (4.32)
.020 (0.51)
.016 (0.41)
.110 (2.79)
.090 (2.29)
.065 (1.65)
.045 (1.14)
.200 (5.08)
.125 (3.18)
.098 (2.49) Max.
.030 (0.76) Min.
.060 (1.52)
.020 (0.51)
.150 (3.81)
Min.
40-Pin CERDIP (Wide)
Pin 1
3° Min.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com