Electronic Components Datasheet Search
  English  ▼

X  

PE4328 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4328
Description  N Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .718 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4328 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4328 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4328 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4328 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Solder Attachment 4 Hole
Panel Pin Terminal, .718 inch Hole Spacing
N Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .718 inch Hole Spacing
Configuration
Connector
N Female
Connector Specification
MIL-STD-348A
Connector Interface Type
Pin
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Panel
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.441 [36.6]
Width/Dia., in [mm]
1 [25]
Weight, lbs [g]
0.068 [30.84]
Connector
Type
N Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .718 inch Hole Spacing
PE4328
PE4328
PE4328 REV


Similar Part No. - PE4328

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4328 PASTERNACK-PE4328 Datasheet
352Kb / 3P
N Female Connector Solder Attachment
PE4328 PASTERNACK-PE4328_16 Datasheet
352Kb / 3P
N Female Connector Solder Attachment
More results

Similar Description - PE4328

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4218 PASTERNACK-PE4218 Datasheet
217Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4012 PASTERNACK-PE4012 Datasheet
238Kb / 2P
UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4013 PASTERNACK-PE4013 Datasheet
244Kb / 2P
N FEMALE Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .718 inch Hole SPACING
PE4241 PASTERNACK-PE4241 Datasheet
251Kb / 2P
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4546 PASTERNACK-PE4546 Datasheet
295Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .718 inch Hole Spacing
PE4322 PASTERNACK-PE4322 Datasheet
205Kb / 2P
SC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4486 PASTERNACK-PE4486 Datasheet
229Kb / 3P
N Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4492 PASTERNACK-PE4492 Datasheet
212Kb / 2P
N Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .718 inch Hole Spacing
PE4503 PASTERNACK-PE4503 Datasheet
217Kb / 3P
75 Ohm N Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com