Electronic Components Datasheet Search
  English  ▼

X  

PE4364 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4364
Description  SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4364 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4364 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4364 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMB Jack Bulkhead Connector Crimp/Solder
Attachment For RG178, RG196
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
SMB Jack
Connector Specification
MIL-STD-348A
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
250
Dielectric Withstanding Voltage, Vrms
750
Frequency 1
Frequency, GHz
DC to 2
VSWR
1.5:1
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +60
Size
Length, in [mm]
0.845 [21.46]
Width/Dia., in [mm]
0.237 [6]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SMB Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smb-jack-standard-rg178-rg196-connector-pe4364-p.aspx
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day
shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
PE4364
PE4364 REV


Similar Part No. - PE4364

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4364 PASTERNACK-PE4364 Datasheet
356Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp/ Solder Attachment
PE4364 PASTERNACK-PE4364_16 Datasheet
356Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp/ Solder Attachment
More results

Similar Description - PE4364

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4277 PASTERNACK-PE4277 Datasheet
849Kb / 2P
SMB Jack Bulkhead Connector Clamp Solder Attachment For RG178, RG196
PE4902 PASTERNACK-PE4902 Datasheet
220Kb / 3P
MMCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4884 PASTERNACK-PE4884 Datasheet
240Kb / 2P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4926 PASTERNACK-PE4926 Datasheet
300Kb / 2P
SMB Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4927 PASTERNACK-PE4927 Datasheet
282Kb / 2P
SMC Jack Connector Crimp/Solder Attachment For RG178, RG196
PE44300 PASTERNACK-PE44300 Datasheet
267Kb / 3P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4080 PASTERNACK-PE4080 Datasheet
305Kb / 2P
SMB Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4365 PASTERNACK-PE4365 Datasheet
223Kb / 2P
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196
PE4269 PASTERNACK-PE4269 Datasheet
231Kb / 3P
SMB Jack Connector Clamp - Solder Attachment For RG178, RG196
PE45386 PASTERNACK-PE45386 Datasheet
470Kb / 5P
SSMC Jack Right Angle Bulkhead Mount Connector Crimp/Solder Attachment for RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com