Electronic Components Datasheet Search
  English  ▼

X  

FH135 Datasheet(PDF) 2 Page - First Components International

Part # FH135
Description  2mA 12V FH135 Bipolar Hall Effect Latch Sensor Low noise output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FH135 Datasheet(HTML) 2 Page - First Components International

  FH135 Datasheet HTML 1Page - First Components International FH135 Datasheet HTML 2Page - First Components International FH135 Datasheet HTML 3Page - First Components International FH135 Datasheet HTML 4Page - First Components International FH135 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
(Ta=+25˚C, Vdd=5.0V )
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
Vcc
─
3.0
─
12
V
Supply Current
Isupply
B=0 Guass
─
3.5
6.0
mA
Output Voltage
Vout
B=0 Guass
2.3
2.5
2.7
V
Sensitivity Magnetic Field
△Vout
B= 0 to ± 1200 G
0.7
1.0
1.3
mV/G
Width of Reaction Frequence
BW
-
23
-
kHz
Vdd=5V
-
±1500
-
Magnetic Characteristics
MGR
Vdd=12V
-
±4500
-
Guass
All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ
2mA 12V FH135 Bipolar Hall Effect Latch Sensor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com