Electronic Components Datasheet Search
  English  ▼

X  

PE44022 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44022
Description  SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.036 inch Pin, .500 inch Flange Size
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44022 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44022 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44022 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44022 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.036 inch Pin, .500 inch Flange Size
Configuration
Connector
SMA Male
Connector Interface Type
0.036 inch Pin
Cable Attachment Method (Shield/Contact)
Field Replaceable
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.5 [12.7]
Width/Dia., in [mm]
0.5 [12.70]
Height, in [mm]
0.5 [12.7]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.036 inch Pin, .500 inch
Flange Size PE44022
PE44022
PE44022 REV 01
SMA Male Connector Field Replaceable Attachment
4 Hole Flange 0.036 inch Pin, .500 inch Flange Size


Similar Part No. - PE44022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4402 PASTERNACK-PE4402 Datasheet
259Kb / 3P
SMA Male Connector Solder Attachment For RG188-DS, RG316-DS
PE4402 PASTERNACK-PE4402 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE44020 PASTERNACK-PE44020 Datasheet
209Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin, .500 inch Flange Size
PE44021 PASTERNACK-PE44021 Datasheet
242Kb / 3P
SMA Male Connector Field Replaceable Attachment Hole Flange 0.020 inch Pin, .500 inch Flange Size
PE44023 PASTERNACK-PE44023 Datasheet
262Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.012 inch Pin
More results

Similar Description - PE44022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44021 PASTERNACK-PE44021 Datasheet
242Kb / 3P
SMA Male Connector Field Replaceable Attachment Hole Flange 0.020 inch Pin, .500 inch Flange Size
PE44010 PASTERNACK-PE44010 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .500 inch Flange Size
PE44010 PASTERNACK-PE44010 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44011 PASTERNACK-PE44011 Datasheet
209Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44012 PASTERNACK-PE44012 Datasheet
210Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .500 inch Flange Size
PE44013 PASTERNACK-PE44013 Datasheet
229Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.020 inch Pin, .500 inch Flange Size
PE44020 PASTERNACK-PE44020 Datasheet
209Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin, .500 inch Flange Size
PE44009 PASTERNACK-PE44009 Datasheet
211Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.036 inch Pin, .375 inch Flange Size
PE44032 PASTERNACK-PE44032 Datasheet
210Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.036 inch Pin
PE45053 PASTERNACK-PE45053 Datasheet
375Kb / 3P
SMA Female Field Replaceable Connector 4 Hole Flange Mount 0.036 Inch Pin .500 inch Flange Size
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com