Electronic Components Datasheet Search
  English  ▼

X  

3AP1 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 3AP1
Description  BEL DEFINING A DEGREE OF EXCELLENCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

3AP1 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  3AP1 Datasheet HTML 1Page - Bel Fuse Inc. 3AP1 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE PAGES 67 & 68
Consult manufacturer for other ratings
Mechanical Dimensions
Type 3AG / 3AP
Fast Blow Fuse Series
1/4 x 1 1/4 inch Glass Tube
3AGD0903
Electrical Characteristics (UL/CSA STD. 248-14)
Approvals
Operating Temperature
-55ºC to +125ºC
Physical Specification
Materials
Glass body / Nickel Plated Brass Caps
Lead wire:
Tin-lead plated Copper,
Diameter 0.032", 7A and less
Diameter 0.040", 8A and above
Marking
On fuse:
“bel”,“3AG”,“Current Rating”,“Voltage Rating”, and
“Appropriate Safety Logos”
On label:
Above info plus “
c” and interrupting rating
Voltage on fuse:
250V for 100mA to 10A; 125V for 12A and above
Packaging
1. In bulk:
3AG - 1,000 pcs per box; 3AP - 500 pcs per box
2. On Axial Tape & Reel:
1,000 pcs per reel
3. Tape & Reel specification:
per EIA-296-E & IEC 286-1
@ 10mm Pitch and 73mm inside Tape Spacing
t
n
e
r
r
u
c
g
n
it
s
e
T
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.s
r
H
4A
/
N
%
5
3
1A
/
Nr
H
1
%
0
0
2A
/
Nc
e
s
5
Vßpc
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Se
p
y
Ty
ti
li
b
a
.
R
.I
@
tl
o
V
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.
o
N
e
li
F
d
e
ts
iL
/
G
A
3
P
A
3
A
m
0
0
1
.
A
0
0
2
@
C
A
V
0
5
2
/
A
0
1
-
2
7
7
9
3
R
L
.
o
N
e
li
F
d
e
if
it
r
e
CA
m
0
0
1
.
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
5
1
-
,
1
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
F
3
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
/
G
A
3
P
A
3
A
1 .
A
0
0
5
@
C
A
V
5
2
1
/
A
5
-
2
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
FG
A
3A
5
> .
A
0
0
3
@
C
A
V
5
2
1
/
A
5
1
-
V
ß
p
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
it
a
R
l
a
ci
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
tl
o
V
%
0
0
1
@
n
I
.
x
a
m
)
tl
o
V
(
I
g
n
it
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
it
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
it
a
p
i
s
s
i
D
)
W
(
0
0
1
)
P
A
3
(
G
A
3A
m
0
0
15
.
2
15
.
42
0
0
.
02
0
0
.
09
5
.
0
5
2
1
)
P
A
3
(
G
A
3A
m
5
2
10
.
2
15
.
44
0
0
.
03
0
0
.
00
8
.
0
0
6
1
)
P
A
3
(
G
A
3A
m
0
6
13
.
82
.
48
0
0
.
06
0
0
.
04
9
.
0
0
0
2
)
P
A
3
(
G
A
3A
m
0
0
27
.
59
.
34
1
0
.
00
1
0
.
00
1
.
1
0
5
2
)
P
A
3
(
G
A
3A
m
0
5
29
.
36
.
35
2
0
.
09
1
0
.
09
2
.
1
0
0
3
)
P
A
3
(
G
A
3A
m
0
0
37
.
24
.
34
4
0
.
04
3
0
.
01
5
.
1
5
7
3
)
P
A
3
(
G
A
3A
m
5
7
30
.
22
.
37
0
.
06
0
.
04
6
.
1
0
0
5
)
P
A
3
(
G
A
3A
m
0
0
58
2
.
19
.
24
1
.
01
1
.
05
2
.
0
0
5
7
)
P
A
3
(
G
A
3A
m
0
5
74
2
.
02
.
05
7
.
04
7
.
00
3
.
0
1
)
P
A
3
(
G
A
3A
16
1
.
03
2
.
03
4
.
14
4
.
17
3
.
0
5
2
.
1
)
P
A
3
(
G
A
3A
5
2
.
14
1
1
.
01
2
.
05
4
.
21
5
.
24
4
.
0
6
.
1
)
P
A
3
(
G
A
3A
6
.
14
8
0
.
00
2
.
02
.
44
.
41
5
.
0
2
)
P
A
3
(
G
A
3A
23
6
0
.
08
1
.
02
.
76
.
79
5
.
0
5
.
2
)
P
A
3
(
G
A
3A
5
.
27
4
0
.
07
1
.
02
13
10
7
.
0
3
)
P
A
3
(
G
A
3A
35
3
0
.
02
6
1
.
01
23
23
8
.
0
5
.
3
)
P
A
3
(
G
A
3A
5
.
30
3
0
.
07
5
1
.
08
21
31
9
.
0
4
)
P
A
3
(
G
A
3A
46
2
0
.
04
5
1
.
06
30
40
.
1
5
)
P
A
3
(
G
A
3A
50
2
0
.
06
4
1
.
03
60
72
.
1
6
)
P
A
3
(
G
A
3A
65
1
0
.
09
3
1
.
07
0
13
2
14
.
1
7
)
P
A
3
(
G
A
3A
73
1
0
.
05
3
1
.
01
4
12
6
16
.
1
8
)
P
A
3
(
G
A
3A
82
1
0
.
02
3
1
.
04
8
14
1
27
.
1
0
1
)
P
A
3
(
G
A
3A
0
19
0
0
.
05
2
1
.
06
1
32
7
30
.
2
2
1
)
P
A
3
(
G
A
3A
2
17
0
0
.
00
2
1
.
01
0
57
9
54
.
2
5
1
)
P
A
3
(
G
A
3A
5
16
0
0
.
04
1
1
.
05
4
83
2
0
18
.
2
3AP
3AG
0.250"
± 0.004"
(6.35
± 0.1mm)
1.28"
± 0.03"
(32.5
± 0.8mm)
0.270"
± 0.004"
(6.9
± 0.1mm)
1.5"
± 0.08"
(38.1
± 2mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”
1.25"
± 0.03"
(31.8
± 0.8mm)
55


Similar Part No. - 3AP1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
3AP1-R BEL-3AP1-R Datasheet
478Kb / 2P
Time-lag Fuse Series
3AP1-R BEL-3AP1-R Datasheet
1Mb / 4P
FAST BLOW FUSE SERIES
3AP1.25-R BEL-3AP1.25-R Datasheet
478Kb / 2P
Time-lag Fuse Series
3AP1.25-R BEL-3AP1.25-R Datasheet
1Mb / 4P
FAST BLOW FUSE SERIES
3AP1.5-R BEL-3AP1.5-R Datasheet
1Mb / 4P
FAST BLOW FUSE SERIES
More results

Similar Description - 3AP1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI-10267 ETC-SI-10267 Datasheet
471Kb / 4P
BEL STEWART CONNECTOR
logo
Bel Fuse Inc.
2JS200 BEL-2JS200 Datasheet
87Kb / 2P
DEFINING A DEGREE OF EXCELLENCE
3AG16 BEL-3AG16 Datasheet
89Kb / 2P
BEL DEFINING A DEGREE OF EXCELLENCE
CT300110 BEL-CT300110 Datasheet
95Kb / 1P
BEL STEWART CONNECTOR
CT600025 BEL-CT600025 Datasheet
157Kb / 1P
BEL STEWART CONNECTOR
CT640172 BEL-CT640172 Datasheet
113Kb / 1P
BEL STEWART CONNERCTOR
CT710002 BEL-CT710002 Datasheet
96Kb / 1P
BEL STEWART CONNECTOR
logo
PHOENIX CONTACT
TP-5120S PHOENIX-TP-5120S Datasheet
58Kb / 3P
IP65 degree of protection (front) IP20 degree of protection (back)
TP-5150S PHOENIX-TP-5150S Datasheet
57Kb / 3P
IP65 degree of protection (front) IP20 degree of protection (back)
2701338 PHOENIX-2701338 Datasheet
79Kb / 8P
IP65 degree of protection (front) IP20 degree of protection (back)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com