Electronic Components Datasheet Search
  English  ▼

X  

NJM78L02A Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM78L02A
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM78L02A Datasheet(HTML) 2 Page - New Japan Radio

  NJM78L02A Datasheet HTML 1Page - New Japan Radio NJM78L02A Datasheet HTML 2Page - New Japan Radio NJM78L02A Datasheet HTML 3Page - New Japan Radio NJM78L02A Datasheet HTML 4Page - New Japan Radio NJM78L02A Datasheet HTML 5Page - New Japan Radio NJM78L02A Datasheet HTML 6Page - New Japan Radio NJM78L02A Datasheet HTML 7Page - New Japan Radio NJM78L02A Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJM78L00
- 2 -
Ver.2003-07-18
■ ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Input Voltage
VIN
(78L02A to 78L09A)
30
(78L12A to 78L15A)
35
(78L18A to 78L24A)
40
V
Power Dissipation
PD
(TO-92)
500
(EMP8)
350
(SOT-89) 300
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +150
°C
■ ELECTRICAL CHARACTERISTICS(CIN=0.33µF, CO=0.1µF, Tj=25°C)
Measurement is to be conducted is pulse testing.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
NJM78L02A
Output Voltage
VO
VIN=9V, IO=40mA
2.47
2.6
2.73
V
Line Regulation 1
∆VO-VIN1
VIN=4.75V to 20V, IO=40mA
-
-
125
mV
Line Regulation 2
∆VO-VIN2
VIN=5V to 20V, IO=40mA
-
-
100
mV
Load Regulation 1
∆VO-IO1
VIN=9V, IO=1 to 40mA
-
-
25
mV
Load Regulation 2
∆VO-IO2
VIN=9V, IO=1 to 100mA
-
-
50
mV
Quiescent Current
IQ
VIN=9V, IO=0mA
-
2.0
6
mA
Average Temperature
Coefficient of Output Voltage
∆VO/∆T
VIN=9V, IO=1mA
-
0.2
-
mV/°C
Ripple Rejection
RR
6V< VIN <16V, IO=40mA, ein=1VP-P, f=120Hz
43
73
-
dB
Output Noise Voltage
VNO
VIN=9V, BW=10Hz to 100kHz, IO=40mA
-
35
-
µV
NJM78L03A(*1)
Output Voltage
VO
VIN=9V, IO=40mA
2.85
3.0
3.15
V
Line Regulation 1
∆VO-VIN1
VIN=5V to 20V, IO=40mA
-
-
125
mV
Line Regulation 2
∆VO-VIN2
VIN=6V to 20V, IO=40mA
-
-
100
mV
Load Regulation 1
∆VO-IO1
VIN=9V, IO=1 to 40mA
-
-
25
mV
Load Regulation 2
∆VO-IO2
VIN=9V, IO=1 to 100mA
-
-
50
mV
Quiescent Current
IQ
VIN=9V, IO=0mA
-
2.0
6
mA
Average Temperature
Coefficient of Output Voltage
∆VO/∆T
VIN=9V, IO=1mA
-
0.2
-
mV/°C
Ripple Rejection
RR
6V< VIN <16V, IO=40mA, ein=1VP-P, f=120Hz
43
72
-
dB
Output Noise Voltage
VNO
VIN=9V, BW=10Hz to 100kHz, IO=40mA
-
40
-
µV
NJM78L05A(*3)
Output Voltage
VO
VIN=10V, IO=40mA
4.75
5.0
5.25
V
Line Regulation 1
∆VO-VIN1
VIN=7V to 20V, IO=40mA
-
-
200
mV
Line Regulation 2
∆VO-VIN2
VIN=8V to 20V, IO=40mA
-
-
150
mV
Load Regulation 1
∆VO-IO1
VIN=10V, IO=1 to 40mA
-
-
30
mV
Load Regulation 2
∆VO-IO2
VIN=10V, IO=1 to 100mA
-
-
60
mV
Quiescent Current
IQ
VIN=10V, IO=0mA
-
2.0
6
mA
Average Temperature
Coefficient of Output Voltage
∆VO/∆T
VIN=10V, IO=1mA
-
0.4
-
mV/°C
Ripple Rejection
RR
8V< VIN <18V, IO=40mA, ein=1VP-P, f=120Hz
40
69
-
dB
Output Noise Voltage
VNO
VIN=10V, BW=10Hz to 100kHz, IO=40mA
-
70
-
µV
(*1) : SOT-89 package only.
(*2) : TO-92 package only.
(*3) : SOT-89, TO-92, EMP8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com