Electronic Components Datasheet Search
  English  ▼

X  

PE44047 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44047
Description  SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44047 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44047 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44047 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44047 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
Configuration
Connector
SMC Jack
Connector Specification
MIL-C-39012
Connector Interface Type
RG55,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.975 [24.77]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMC Jack
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223,
RG400 PE44047
PE44047
PE44047 REV
SMC Jack Bulkhead Connector Crimp/Solder
Attachment For RG55, RG142, RG223, RG400


Similar Part No. - PE44047

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4404 PASTERNACK-PE4404 Datasheet
384Kb / 3P
SMA Male Connector Solder Attachment For PE - 047SR, PE-SR047AL, PE-SR047FL
PE4404 PASTERNACK-PE4404 Datasheet
387Kb / 4P
SMA Male Precision Connector Solder Attachment
PE44040 PASTERNACK-PE44040 Datasheet
107Kb / 1P
BNC MALE CLAMP ATTACHMENT FOR PE-C200 & LMR200
PE44040 PASTERNACK-PE44040 Datasheet
107Kb / 1P
BNC MALE CLAMP ATTACHMENT FOR PE-C200 & LMR 200
PE44041 PASTERNACK-PE44041 Datasheet
117Kb / 1P
BNC MALE CRIMP ATTACHMENT FOR PE-C200 &LMR200
More results

Similar Description - PE44047

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44147 PASTERNACK-PE44147 Datasheet
86Kb / 1P
FME JACK CRIMP ATTACHMENT FOR RG55 RG142 RG223 &RG400
PE4153 PASTERNACK-PE4153 Datasheet
85Kb / 1P
TNC FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG55, RG142 RG223 & RG400
PE4412 PASTERNACK-PE4412 Datasheet
241Kb / 2P
SMA Female Connector Crimp/solder Attachment For RG55,RG142,RG223,RG400
PE4594 PASTERNACK-PE4594 Datasheet
110Kb / 1P
SMC PLUG CRIMP ATTACHMENT FOR RG55, RG142, RG223 & RG400
PE4596 PASTERNACK-PE4596 Datasheet
116Kb / 1P
SMC PLUG RIGHT ANGLE CRIMP ATTACHMENT FOR RG55 RG142 RG223 & RG400
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4881 PASTERNACK-PE4881 Datasheet
251Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44788 PASTERNACK-PE44788 Datasheet
224Kb / 3P
N Male Connector Crimp-Solder Attachment For RG223, RG142, RG400, RG55
PE44048 PASTERNACK-PE44048 Datasheet
250Kb / 2P
SMB Jack Bulkhead Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE45396 PASTERNACK-PE45396 Datasheet
360Kb / 3P
SMC Plug Connector Crimp/Solder Attachment for RG55, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com