Electronic Components Datasheet Search
  English  ▼

X  

MCP6S22 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6S22
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S22 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6S22 Datasheet HTML 11Page - Microchip Technology MCP6S22 Datasheet HTML 12Page - Microchip Technology MCP6S22 Datasheet HTML 13Page - Microchip Technology MCP6S22 Datasheet HTML 14Page - Microchip Technology MCP6S22 Datasheet HTML 15Page - Microchip Technology MCP6S22 Datasheet HTML 16Page - Microchip Technology MCP6S22 Datasheet HTML 17Page - Microchip Technology MCP6S22 Datasheet HTML 18Page - Microchip Technology MCP6S22 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
 2003-2012 Microchip Technology Inc.
DS21117B-page 15
MCP6S21/2/6/8
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Output
The output pin (VOUT) is a low-impedance voltage
source. The selected gain (G), selected input (CH0-
CH7) and voltage at VREF determine its value.
3.2
Analog Inputs (CH0 thru CH7)
The inputs CH0 through CH7 connect to the signal
sources. They are high-impedance CMOS inputs with
low bias currents. The internal MUX selects which one
is amplified to the output.
3.3
External Reference Voltage (VREF)
The VREF pin should be at a voltage between VSS and
VDD (the MCP6S22 has VREF tied internally to VSS).
The voltage at this pin shifts the output voltage.
3.4
Power Supply (VSS and VDD)
The positive power supply pin (VDD) is 2.5V to 5.5V
higher than the negative power supply pin (VSS). For
normal operation, the other pins are between VSS and
VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need a local bypass capacitor (0.1 µF) at the VDD pin.
It can share a bulk capacitor with nearby analog parts
(typically 2.2 µF to 10 µF within 4 inches (100 mm) of
the VDD pin.
3.5
Digital Inputs
The SPI interface inputs are: Chip Select (CS), Serial
Input (SI) and Serial Clock (SCK). These are Schmitt-
triggered, CMOS logic inputs.
3.6
Digital Output
The MCP6S26 and MCP6S28 devices have a SPI
interface serial output (SO) pin. This is a CMOS push-
pull output and does not ever go High-Z. Once the
device is deselected (CS goes high), SO is forced low.
This feature supports daisy chaining, as explained in
Section 5.3, “Daisy Chain Configuration”.
MCP6S21
MCP6S22
MCP6S26
MCP6S28
Symbol
Description
1111
VOUT
Analog Output
2222
CH0
Analog Input
—
3
3
3
CH1
Analog Input
—
—
4
4
CH2
Analog Input
—
—
5
5
CH3
Analog Input
—
—
6
6
CH4
Analog Input
—
—
7
7
CH5
Analog Input
—
—
—
8
CH6
Analog Input
—
—
—
9
CH7
Analog Input
3—
8
10
VREF
External Reference Pin
449
11
VSS
Negative Power Supply
5
5
10
12
CS
SPI Chip Select
6
6
11
13
SI
SPI Serial Data Input
—
—
12
14
SO
SPI Serial Data Output
7
7
13
15
SCK
SPI Clock Input
8
8
14
16
VDD
Positive Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com