Electronic Components Datasheet Search
  English  ▼

X  

MPSL51 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPSL51
Description  Amplifier Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSL51 Datasheet(HTML) 3 Page - Motorola, Inc

  MPSL51 Datasheet HTML 1Page - Motorola, Inc MPSL51 Datasheet HTML 2Page - Motorola, Inc MPSL51 Datasheet HTML 3Page - Motorola, Inc MPSL51 Datasheet HTML 4Page - Motorola, Inc MPSL51 Datasheet HTML 5Page - Motorola, Inc MPSL51 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPSL51
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
30
100
150
200
0.1
0.5
2.0
3.0
10
0.2
0.3
20
1.0
5.0
TJ = 125°C
25
°C
– 55
°C
70
50
20
30
50
100
VCE = – 1.0 V
VCE = – 5.0 V
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
1.0
0.1
0.5
2.0
10
0.2
1.0
5.0
20
50
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.005
0.01
0.02
0.05
Figure 3. Collector Cut–Off Region
VBE, BASE–EMITTER VOLTAGE (VOLTS)
103
0.1
0.3
0.2
102
101
100
10–1
10–2
10–3
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
IC = 1.0 mA
10 mA
30 mA
100 mA
VCE = 30 V
IC = ICES
TJ = 125°C
75
°C
25
°C
REVERSE
FORWARD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com