Electronic Components Datasheet Search
  English  ▼

X  

MCP1826 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1826
Description  1000 mA, Low-Voltage, Low Quiescent Current LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1826_13 Datasheet HTML 1Page - Microchip Technology MCP1826_13 Datasheet HTML 2Page - Microchip Technology MCP1826_13 Datasheet HTML 3Page - Microchip Technology MCP1826_13 Datasheet HTML 4Page - Microchip Technology MCP1826_13 Datasheet HTML 5Page - Microchip Technology MCP1826_13 Datasheet HTML 6Page - Microchip Technology MCP1826_13 Datasheet HTML 7Page - Microchip Technology MCP1826_13 Datasheet HTML 8Page - Microchip Technology MCP1826_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2007-2013 Microchip Technology Inc.
DS22057B-page 1
MCP1826/MCP1826S
Features:
• 1000 mA Output Current Capability
• Input Operating Voltage Range: 2.3V to 6.0V
• Adjustable Output Voltage Range: 0.8V to 5.0V
(MCP1826 only)
• Standard Fixed Output Voltages:
- 0.8V, 1.2V, 1.8V, 2.5V, 3.0V, 3.3V, 5.0V
• Other Fixed Output Voltage Options Available
Upon Request
• Low Dropout Voltage: 250 mV Typical at 1000 mA
• Typical Output Voltage Tolerance: 0.5%
• Stable with 1.0 µF Ceramic Output Capacitor
• Fast Response to Load Transients
• Low Supply Current: 120 µA (typ)
• Low Shutdown Supply Current: 0.1 µA (typ)
(MCP1826 only)
• Fixed Delay on Power Good Output
(MCP1826 only)
• Short Circuit Current Limiting and
Overtemperature Protection
• TO-263-5 (DDPAK-5), TO-220-5, SOT-223-5
Package Options (MCP1826).
• TO-263-3 (DDPAK-3), TO-220-3, SOT-223-3
Package Options (MCP1826S).
Applications:
• High-Speed Driver Chipset Power
• Networking Backplane Cards
• Notebook Computers
• Network Interface Cards
• Palmtop Computers
Description:
The MCP1826/MCP1826S is a 1000 mA Low Dropout
(LDO) linear regulator that provides high-current and
low-output voltages. The MCP1826 comes in a fixed or
adjustable output voltage version, with an output
voltage range of 0.8V to 5.0V. The 1000 mA output cur-
rent capability, combined with the low-output voltage
capability, make the MCP1826 a good choice for new
sub-1.8V output voltage LDO applications that have
high current demands. The MCP1826S is a 3-pin fixed
voltage version.
The MCP1826/MCP1826S is stable using ceramic
output capacitors that inherently provide lower output
noise and reduce the size and cost of the entire
regulator solution. Only 1 µF of output capacitance is
needed to stabilize the LDO.
Using CMOS construction, the quiescent current
consumed by the MCP1826/MCP1826S is typically
less than 120 µA over the entire input voltage range,
making it attractive for portable computing applications
that demand high-output current. The MCP1826
versions have a Shutdown (SHDN) pin. When shut
down, the quiescent current is reduced to less than
0.1 µA.
On the MCP1826 fixed output versions the scaled-
down output voltage is internally monitored and a
power good (PWRGD) output is provided when the
output is within 92% of regulation (typical). The
PWRGD delay is internally fixed at 200 µs (typical).
The overtemperature and short circuit current-limiting
provide additional protection for the LDO during system
Fault conditions.
1000 mA, Low-Voltage, Low Quiescent Current
LDO Regulator


Similar Part No. - MCP1826_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1826-1202E/AB MICROCHIP-MCP1826-1202E/AB Datasheet
660Kb / 36P
1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1826-1202E/AT MICROCHIP-MCP1826-1202E/AT Datasheet
660Kb / 36P
1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1826-1202E/DB MICROCHIP-MCP1826-1202E/DB Datasheet
660Kb / 36P
1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1826-1202E/DC MICROCHIP-MCP1826-1202E/DC Datasheet
660Kb / 36P
1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1826-1202E/EB MICROCHIP-MCP1826-1202E/EB Datasheet
660Kb / 36P
1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
More results

Similar Description - MCP1826_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
MCP1826 MICROCHIP-MCP1826 Datasheet
660Kb / 36P
1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-ADJE MICROCHIP-MCP1824T-ADJE Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com