Electronic Components Datasheet Search
  English  ▼

X  

MCP1826S Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP1826S
Description  1000 mA, Low-Voltage, Low Quiescent Current LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826S Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP1826S Datasheet HTML 29Page - Microchip Technology MCP1826S Datasheet HTML 30Page - Microchip Technology MCP1826S Datasheet HTML 31Page - Microchip Technology MCP1826S Datasheet HTML 32Page - Microchip Technology MCP1826S Datasheet HTML 33Page - Microchip Technology MCP1826S Datasheet HTML 34Page - Microchip Technology MCP1826S Datasheet HTML 35Page - Microchip Technology MCP1826S Datasheet HTML 36Page - Microchip Technology MCP1826S Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
 2007-2013 Microchip Technology Inc.
DS22057B-page 33
MCP1826/MCP1826S
/HDG3ODVWLF 7UDQVLVWRU 2XWOLQH $7 >72@
1RWHV
 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG  SHU VLGH
 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
8QLWV
,1&+(6
'LPHQVLRQ /LPLWV
0,1
120
0$;
1XPEHU RI 3LQV
1

3LWFK
H
 %6&
2YHUDOO 3LQ 3LWFK
H
 %6&
2YHUDOO +HLJKW$

±

2YHUDOO :LGWK
(

±

2YHUDOO /HQJWK
'

±

0ROGHG 3DFNDJH /HQJWK
'

±

7DE /HQJWK
+

±

7DE 7KLFNQHVV
$

±

0RXQWLQJ +ROH &HQWHU
4

±

0RXQWLQJ +ROH 'LDPHWHU
I3

±

/HDG /HQJWK
/

±

%DVH WR %RWWRP RI /HDG
$

±

/HDG 7KLFNQHVV
F

±

/HDG :LGWK
E



E
Q
D
D1
H1
A
A1
A2
c
N
e
e1
b
1
2 3
L
CHAMFER
OPTIONAL
P
φ
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com