Electronic Components Datasheet Search
  English  ▼

X  

PE44079 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44079
Description  N Female Connector Solder Attachment 2 Hole Flange Pin Terminal, 1.0 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44079 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44079 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44079 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44079 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Solder Attachment 2 Hole Flange Pin Terminal, 1.0 inch Hole Spacing
Configuration
Connector
N Female
Connector Specification
MIL-C-39012
Connector Interface Type
Pin
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.441 [36.6]
Width/Dia., in [mm]
0.64 [16.26]
Height, in [mm]
1.3 [33.02]
.
Weight, lbs [g]
0.061 [27.67]
Connector
Type
N Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Solder Attachment 2 Hole Flange Pin Terminal, 1.0 inch Hole Spacing
PE44079
PE44079
PE44079 REV
N Female Connector Solder Attachment 2 Hole
Flange Pin Terminal, 1.0 inch Hole Spacing


Similar Part No. - PE44079

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44079 PASTERNACK-PE44079 Datasheet
220Kb / 3P
N Female Connector Solder Attachment 2 Hole Flange Pin Terminal, 1.0 inch Hole Spacing
More results

Similar Description - PE44079

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4192 PASTERNACK-PE4192 Datasheet
803Kb / 2P
LC Female Connector Solder Attachment 4 Hole Flange Pin Terminal, 1.440 inch Hole Spacing
PE44077 PASTERNACK-PE44077 Datasheet
220Kb / 3P
N Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, 1.0 inch Hole Spacing
PE44078 PASTERNACK-PE44078 Datasheet
220Kb / 3P
N Female Connector Solder Attachment 2 Hole Flange Tab Terminal, 1.0 inch Hole Spacing
PE44079 PASTERNACK-PE44079 Datasheet
220Kb / 3P
N Female Connector Solder Attachment 2 Hole Flange Pin Terminal, 1.0 inch Hole Spacing
PE44395 PASTERNACK-PE44395 Datasheet
221Kb / 3P
SSMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44433 PASTERNACK-PE44433 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 2 Hole Flange Pin Terminal, .328 inch Hole Spacing
PE44218 PASTERNACK-PE44218 Datasheet
215Kb / 3P
2.4mm Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4355 PASTERNACK-PE4355 Datasheet
251Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE44434 PASTERNACK-PE44434 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .232 inch Hole Spacing
PE44217 PASTERNACK-PE44217 Datasheet
327Kb / 3P
2.4mm Female Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com