Electronic Components Datasheet Search
  English  ▼

X  

PE44099 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44099
Description  C Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .596 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44099 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44099 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44099 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44099 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
C Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223,
RG400, .596 inch D Hole
Configuration
Connector
C Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.3 [33.02]
Width/Dia., in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.082 [37.19]
Connector
Type
C Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142,
RG223, RG400, .596 inch D Hole PE44099
PE44099
PE44099 REV 01
C Female Bulkhead Connector Clamp/Solder Attachment For
RG58, RG55, RG141, RG142, RG223, RG400, .596 inch D Hole


Similar Part No. - PE44099

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4409 PASTERNACK-PE4409 Datasheet
116Kb / 1P
SMA MALE RIGHT ANGLE SOLER ATTACHMENT FOR RG188-DS & RG315-DS
PE4409 PASTERNACK-PE4409 Datasheet
368Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE44090 PASTERNACK-PE44090 Datasheet
203Kb / 2P
Mini UHF Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44091 PASTERNACK-PE44091 Datasheet
238Kb / 2P
Mini UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .437 inch Hole Spacing
PE44092 PASTERNACK-PE44092 Datasheet
241Kb / 2P
Mini UHF Female Bulkhead Connector Solder Attachment Thru Hole PCB, .380 inch Diameter
More results

Similar Description - PE44099

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4072 PASTERNACK-PE4072 Datasheet
306Kb / 2P
N Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4058 PASTERNACK-PE4058 Datasheet
299Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4225 PASTERNACK-PE4225 Datasheet
296Kb / 2P
MHV Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4078 PASTERNACK-PE4078 Datasheet
313Kb / 3P
BNC Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE4961 PASTERNACK-PE4961 Datasheet
276Kb / 3P
C Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4152 PASTERNACK-PE4152 Datasheet
317Kb / 2P
TNC Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE4965 PASTERNACK-PE4965 Datasheet
241Kb / 3P
C Female Bulkhead Connector Clamp-Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .720 inch D Hole
PE4068 PASTERNACK-PE4068 Datasheet
300Kb / 2P
TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44056 PASTERNACK-PE44056 Datasheet
206Kb / 2P
UHF Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com