Electronic Components Datasheet Search
  English  ▼

X  

4TPB330ML Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 4TPB330ML
Description  standard products corresponding to the diversification of the needs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

4TPB330ML Datasheet(HTML) 1 Page - Sanyo Semicon Device

  4TPB330ML Datasheet HTML 1Page - Sanyo Semicon Device 4TPB330ML Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RoHS compliance
Solid Electrolytic Capacitors with Polymerized Organic Semiconductor
TPBSeries StandardProducts
TPB series are the standard products corresponding to the
diversification of the needs.
Feature
20
Items
Condition
Characteristics
Endurance
Temperature characteristics of
Impedance ratio
Damp heat (Steady state)
Surge
Operating Temperature range
Rated capacitance range
Capacitance tolerance
Rated voltage
Dissipation Factor (D.F.)
Leakage current
Equivalent series resistance (E.S.R. m
Ωmax.)
105
°C,2000h,
rated voltage applied
100kHz/+20
°C
60
°C,90 to 95%RH,500h,
No voltage applied
105
°C,1000 cycles,
1k
Ωdischarge resistance,
surge voltage applied
—
120Hz/20
°C
120Hz/20
°C
—
120Hz/20
°C
Rated voltage applied, after 5 minutes
100kHz/20
°C
∆C/C
D.F.
L.C.
∆C/C
D.F.
L.C.
∆C/C
D.F.
L.C.
–55
°C
+105
°C
Z/Z20°C
Z/Z20°C
–55 to +105 (
°C)
47 to 1000 (
µF)
M:+
_ 20%
2.5 to 10.0 (V.DC)
≤ 8.0 or 10.0 or 15.0 (%)
≤ 0.1CV (µA)
Please see the attached characteristics list
1.0 to 2.0
0.6 to 1.0
Within+
_ 20% of the initial value
≤ 1.5 times the initial limit
≤ The initial limit
Within+50%,–20% of the initial value (2R5TPB1000M)
Within+40%, –20% of the initial value (Except for the above model)
≤ 1.5 times the initial limit
≤ 3 times the initial limit
Within+
_ 5% of the initial value
≤ The initial limit
≤ 3 times the initial limit
L
S
W1
S
RV
(SV)
µF
47
68
82
100
150
220
330
470
680
1000
4.0
(5.0)
6.3
(8.0)
8.0
(10.0)
10.0
(13.0)
2.5
(3.2)
C
D3,D3L
D3L
D4,D3L
D4
C
C,D3,D3L
D3L
D4,D3L
D4
C
C,D3,D3L
D3L
D3L,D4
D4
C
C
C
D3,D3L
D3L
D3L,D4
D4
Specifications
Dimensions
Size List
Size
code
C
D3L
D3
D4
W
(±0.2)
3.2
4.3
4.3
4.3
H
(±0.2)
2.8
2.8
3.1
3.8
S
(±0.2)
1.3
1.3
1.3
1.3
W1
(±0.1)
1.8
2.4
2.4
2.4
*
1 ±0.3:D3L,D4
L*
1
(±0.2)
6.0
7.3
7.3
7.3
(unit: mm)
T
P
B


Similar Part No. - 4TPB330ML

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4TPB330ML FAIRCHILD-4TPB330ML Datasheet
758Kb / 17P
Dual DDR / Dual-Output PWM Controller
logo
Panasonic Semiconductor
4TPB330ML PANASONIC-4TPB330ML Datasheet
53Kb / 1P
Surface Mount Type
logo
Sanyo Semicon Device
4TPB330ML SANYO-4TPB330ML Datasheet
58Kb / 2P
TPB Series
More results

Similar Description - 4TPB330ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE8FBH ETC2-NE8FBH Datasheet
6Mb / 29P
The next generation of the worldwide accepted standard
NC3MD-LX ETC2-NC3MD-LX Datasheet
6Mb / 29P
The next generation of the worldwide accepted standard
logo
Integrated Device Techn...
ICS97U2A845A IDT-ICS97U2A845A Datasheet
220Kb / 13P
Double the drive of the standard 97U877 device
logo
Laird Tech Smart Techno...
BTM44X LSTD-BTM44X Datasheet
1Mb / 28P
modules from Laird Technologies have been designed to meet the needs of developers
BTM410 LSTD-BTM410 Datasheet
1Mb / 25P
modules from Laird are designed to meet the needs of developers who wish to add robust
logo
KODENSHI_AUK CORP.
HPI25 KODENSHI-HPI25 Datasheet
425Kb / 6P
It is a photodiode corresponding to the surface mounting
logo
BEYONDINFINITE
SFA050XS1-OR BEYONDINFINITE-SFA050XS1-OR Datasheet
74Kb / 9P
The Driving Board provides all the Needs to convert Composite video signal to the proper interface of LCD Panel
logo
TOKYO SEIMITSU CO., LTD
MN ACCRETECH-MN Datasheet
375Kb / 2P
Evolutionary version of standard type in response to the needs of ultra-thin blade
logo
List of Unclassifed Man...
FS-B3510-01 ETC-FS-B3510-01 Datasheet
91Kb / 1P
The FS-B3510 is one of the FS-X30 Series FieldServers designed to meet the needs of system integrators in designing a complete interoperable system.
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com