Electronic Components Datasheet Search
  English  ▼

X  

MCP14700 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP14700
Description  Dual Input Synchronous MOSFET Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14700 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP14700_13 Datasheet HTML 4Page - Microchip Technology MCP14700_13 Datasheet HTML 5Page - Microchip Technology MCP14700_13 Datasheet HTML 6Page - Microchip Technology MCP14700_13 Datasheet HTML 7Page - Microchip Technology MCP14700_13 Datasheet HTML 8Page - Microchip Technology MCP14700_13 Datasheet HTML 9Page - Microchip Technology MCP14700_13 Datasheet HTML 10Page - Microchip Technology MCP14700_13 Datasheet HTML 11Page - Microchip Technology MCP14700_13 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MCP14700
DS22201B-page 8
 2009-2013 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C with VCC =5.0V.
FIGURE 2-7:
Supply Current vs.
Frequency.
FIGURE 2-8:
Supply Current vs.
Temperature.
0
10
20
30
40
50
60
70
100
1000
10000
Frequency (kHz)
CLOAD = 3,300 pF
40
41
42
43
44
45
46
47
48
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
PWM = 1
PWM = 0
CLOAD = 3,300 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com