Electronic Components Datasheet Search
  English  ▼

X  

13673 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 13673
Description  Normal Wall Flame Retardant Heat Shrink Tubing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

13673 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  13673 Datasheet HTML 1Page - List of Unclassifed Manufacturers 13673 Datasheet HTML 2Page - List of Unclassifed Manufacturers 13673 Datasheet HTML 3Page - List of Unclassifed Manufacturers 13673 Datasheet HTML 4Page - List of Unclassifed Manufacturers 13673 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Normal Wall Flame Retardant
Heat Shrink Tubing
Page <3>
05/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Part Number Table
Description
Part Number
Heat Shrink Tubing 2:1 Clear 25.4 mm 50 m
13663
Heat Shrink Tubing 2:1 Clear 38.1 mm 50 m
13664
Heat Shrink Tubing 2:1 Clear 50.8 mm 25 m
13665
Heat Shrink Tubing 2:1 Clear 1.6 mm 5 m
15034
Heat Shrink Tubing 2:1 Clear 2.4 mm 5 m
15035
Heat Shrink Tubing 2:1 Clear 3.2 mm 5 m
15036
Heat Shrink Tubing 2:1 Clear 4.8 mm 5 m
15037
Heat Shrink Tubing 2:1 Clear 6.4 mm 5 m
15038
Heat Shrink Tubing 2:1 Clear 9.5 mm 5 m
15039
Heat Shrink Tubing 2:1 Clear 12.7 mm 5 m
15040
Heat Shrink Tubing 2:1 Clear 19 mm 5 m
15041
Heat Shrink Tubing 2:1 Clear 25.4 mm 5 m
15042
Heat Shrink Tubing 2:1 Clear 50.8 mm 5 m
15044
Heat Shrink Tubing 2:1 Red 1.6 mm 100 m
13666
Heat Shrink Tubing 2:1 Red 2.4 mm 100 m
13667
Heat Shrink Tubing 2:1 Red 3.2 mm 100 m
13668
Heat Shrink Tubing 2:1 Red 4.8 mm 100 m
13669
Heat Shrink Tubing 2:1 Red 6.4 mm 100 m
13670
Heat Shrink Tubing 2:1 Red 9.5 mm 100 m
13671
Heat Shrink Tubing 2:1 Red 12.7 mm 100 m
13672
Heat Shrink Tubing 2:1 Red 19 mm 100 m
13673
Heat Shrink Tubing 2:1 Red 25.4 mm 50 m
13674
Heat Shrink Tubing 2:1 Red 38.1 mm 50 m
13675
Heat Shrink Tubing 2:1 Red 1.6 mm 5 m
15045
Heat Shrink Tubing 2:1 Red 2.4 mm 5 m
15046
Heat Shrink Tubing 2:1 Red 3.2 mm 5 m
15047
Heat Shrink Tubing 2:1 Red 4.8 mm 5 m
15048
Heat Shrink Tubing 2:1 Red 6.4 mm 5 m
15049
Heat Shrink Tubing 2:1 Red 9.5 mm 5 m
15050
Heat Shrink Tubing 2:1 Red 12.7 mm 5 m
15051
Heat Shrink Tubing 2:1 Red 19 mm 5 m
15052
Heat Shrink Tubing 2:1 Red 25.4 mm 5 m
15053
Heat Shrink Tubing 2:1 Red 38.1 mm 5 m
15054
Heat Shrink Tubing 2:1 Yellow 2.4 mm 100 m
13678
Description
Part Number
Heat Shrink Tubing 2:1 Yellow 3.2 mm 100 m
13679
Heat Shrink Tubing 2:1 Yellow 4.8 mm 100 m
13680
Heat Shrink Tubing 2:1 Yellow 6.4 mm 100 m
13681
Heat Shrink Tubing 2:1 Yellow 9.5 mm 100 m
13682
Heat Shrink Tubing 2:1 Yellow 12.7 mm 100 m
13683
Heat Shrink Tubing 2:1 Yellow 19 mm 100 m
13684
Heat Shrink Tubing 2:1 Yellow 25.4 mm 50 m
13685
Heat Shrink Tubing 2:1 Yellow 50.8 mm 25 m
13687
Heat Shrink Tubing 2:1 Yellow 1.6 mm 5 m
15056
Heat Shrink Tubing 2:1 Yellow 2.4 mm 5 m
15057
Heat Shrink Tubing 2:1 Yellow 3.2 mm 5 m
15058
Heat Shrink Tubing 2:1 Yellow 4.8 mm 5 m
15059
Heat Shrink Tubing 2:1 Yellow 6.4 mm 5 m
15060
Heat Shrink Tubing 2:1 Yellow 9.5 mm 5 m
15061
Heat Shrink Tubing 2:1 Yellow 12.7 mm 5 m
15062
Heat Shrink Tubing 2:1 Yellow 19 mm 5 m
15063
Heat Shrink Tubing 2:1 Yellow 25.4 mm 5 m
15064
Heat Shrink Tubing 2:1 Yellow 38.1 mm 5 m
15065
Heat Shrink Tubing 2:1 White 1.6 mm 100 m
13688
Heat Shrink Tubing 2:1 White 2.4 mm 100 m
13689
Heat Shrink Tubing 2:1 White 3.2 mm 100 m
13690
Heat Shrink Tubing 2:1 White 4.8 mm 100 m
13691
Heat Shrink Tubing 2:1 White 6.4 mm 100 m
13692
Heat Shrink Tubing 2:1 White 9.5 mm 100 m
13693
Heat Shrink Tubing 2:1 White 12.7 mm 100 m
13694
Heat Shrink Tubing 2:1 White 38.1 mm 50 m
13697
Heat Shrink Tubing 2:1 White 1.6 mm 5 m
15067
Heat Shrink Tubing 2:1 White 2.4 mm 5 m
15068
Heat Shrink Tubing 2:1 White 3.2 mm 5 m
15069
Heat Shrink Tubing 2:1 White 4.8 mm 5 m
15070
Heat Shrink Tubing 2:1 White 6.4 mm 5 m
15071
Heat Shrink Tubing 2:1 White 9.5 mm 5 m
15072
Heat Shrink Tubing 2:1 White 12.7 mm 5 m
15073
Heat Shrink Tubing 2:1 White 25.4 mm 5 m
15075



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com